Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1811 Datasheet(PDF) 32 Page - Texas Instruments

Part # TLV1811
Description  TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1811 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLV1811 Datasheet HTML 28Page - Texas Instruments TLV1811 Datasheet HTML 29Page - Texas Instruments TLV1811 Datasheet HTML 30Page - Texas Instruments TLV1811 Datasheet HTML 31Page - Texas Instruments TLV1811 Datasheet HTML 32Page - Texas Instruments TLV1811 Datasheet HTML 33Page - Texas Instruments TLV1811 Datasheet HTML 34Page - Texas Instruments TLV1811 Datasheet HTML 35Page - Texas Instruments TLV1811 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Dec-2023
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TLV1811DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TLV1811DCKR
SC70
DCK
5
3000
180.0
180.0
18.0
TLV1811LDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TLV1811LDCKR
SC70
DCK
6
3000
180.0
180.0
18.0
TLV1812DGKR
VSSOP
DGK
8
2500
356.0
356.0
35.0
TLV1812DR
SOIC
D
8
3000
356.0
356.0
35.0
TLV1814DR
SOIC
D
14
3000
356.0
356.0
35.0
TLV1821DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TLV1821DCKR
SC70
DCK
5
3000
180.0
180.0
18.0
TLV1821LDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TLV1822DGKR
VSSOP
DGK
8
2500
356.0
356.0
35.0
TLV1822DR
SOIC
D
8
3000
356.0
356.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com