Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFZ Datasheet(PDF) 2 Page - RFE international

Part # VFZ
Description  Aluminum Electrolytic Capacitors VFZ Series: Low Impedence, Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

VFZ Datasheet(HTML) 2 Page - RFE international

  VFZ Datasheet HTML 1Page - RFE international VFZ Datasheet HTML 2Page - RFE international VFZ Datasheet HTML 3Page - RFE international VFZ Datasheet HTML 4Page - RFE international VFZ Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimension: D x L(mm)
Ripple Current mA/rms at 100KHz, 105°C
Impedance: Ω at 100KHz, 20ºC
D × L
Imp. mA
D × L
Imp. mA
D × L
Imp. mA
D × L
Imp. mA
D × L
Imp. mA
4.7
4R7
4×5.8
1.45
90
10
100
4×5.8
1.45
90
5×5.8
0.76
170
15
150
4×5.8
1.45
90
5×5.8
0.76
170
5×5.8
0.76
170
22
220
4×5.8
1.45
90
5×5.8
0.76
170
5×5.8
0.76
170
5×5.8
0.76
170
27
270
4×5.8
1.45
90
5×5.8
0.76
170
5×5.8
0.76
170
6.3×5.8
0.44
250
6.3×5.8
0.44
250
33
330
5×5.8
0.76
170
5×5.8
0.76
170
6.3×5.8
0.44
250
6.3×5.8
0.44
250
6.3×5.8
0.44
250
47
470
5×5.8
0.76
170
6.3×5.8
0.44
250
6.3×5.8
0.44
250
6.3×5.8
0.44
250
6.3×5.8
0.44
250
56
560
5×5.8
0.76
170
6.3×5.8
0.44
250
6.3×5.8
0.44
250
6.3×5.8
0.44
250
6.3×7.7
0.34
300
68
680
6.3×5.8
0.44
250
6.3×5.8
0.44
250
6.3×5.8
0.44
250
6.3×5.8
0.44
250
6.3×7.7
0.34
300
5×5.8
0.76
170
6.3×7.7
0.34
300
6.3×7.7
0.34
300
6.3×5.8
0.44
250
6.3×5.8
0.44
250
6.3×5.8
0.44
250
8×6.5
0.34
300
8×10.5
0.17
600
6.3×5.8
0.44
250
6.3×5.8
0.44
250
6.3×7.7
0.34
300
8×10.5
0.17
600
8×10.5
0.17
600
8×6.5
0.34
300
10×7.7
0.17
600
6.3×5.8
0.44
250
6.3×7.7
0.34
300
6.3×7.7
0.34
300
8×10.5
0.17
600
8×10.5
0.17
600
8×6.5
0.34
300
10×7.7
0.17
600
6.3×7.7
0.30
300
8×10.5
0.17
600
8×10.5
0.17
600
8×10.5
0.17
600
10×10.5
0.090 850
8×6.5
0.34
300
10×7.7
0.17
600
8×10.5
0.17
600
8×10.5
0.17
600
8×10.5
0.17
600
10×10.5
0.090 850
10×13.5
0.070 950
10×7.7
0.17
600
12.5×13.5 0.060 1100
8×10.5
0.17
600
10×10.5
0.090 850
10×10.5
0.090 850
10×13.5
0.070 950
10×7.7
0.17
600
12.5×13.5 0.060 1100 12.5×13.5 0.060 1100
10×13.5
0.070 950
12.5×16.0 0.055 1200
8×10.5
0.17
600
10×10.5
0.090 850
12.5×13.5
0.060 1100 12.5×13.5 0.060 1100
16×16.5
0.035 1800
10×13.5
0.070 950
12.5×16.0 0.055 1200
10×10.5
0.090 850 12.5×13.5 0.060 1100
12.5×13.5
0.060 1100
16×16.5
0.035 1800
16×16.5
0.035 1800
2200
222
12.5×13.5 0.060 1100 12.5×13.5 0.060 1100
12.5×16.0
0.055 1200
16×16.5
0.035 1800
2700
272
12.5×16.0 0.055 1200
3300
332
12.5×16.0 0.055 1200
16×16.5
0.050 1450
16×16.5
0.035 1800
4700
472
16×16.5
0.050 1800
16×16.5
0.035 1800
6800
682
16×16.5
0.035 1800
35V (1V)
221
331
471
681
25V (1E)
102
152
6.3V (OJ)
10V (1A)
16V (1C)
101
151
F
Vdc
100
150
220
330
470
680
1000
1500
D × L
Imp. mA
D × L
Imp. mA
D × L
Imp. mA
D × L
Imp. mA
4.7
4R7
4×5.8
2.90
60
5×5.8
1.90
70
6.3×5.8
3.00
80
10
100
6.3×5.8
0.88
165
6.3×5.8
1.50
80
6.3×7.7
2.40 120
22
220
6.3×5.8
0.88
165
6.3×7.7
1.20
120
8×10.5
1.30 130
27
270
6.3×7.7
0.68
195
10×10.5
0.70 200
33
330
6.3×7.7
0.68
195
8×6.5
1.20
120
10×10.5
0.65 200
47
470
6.3×7.7
0.68
195
10×7.7
0.70
200
10×10.5
0.65 200 12.5×13.5
0.32 500
56
560
8×10.5
0.34
350
10×10.5
0.50
300
68
680
8×10.5
0.34
350
10×13.5
0.45 300 12.5×13.5
0.32 500
8×10.5
0.34
350
10×13.5
0.45
300 12.5×13.5
0.32 500
16×16.5
0.17 793
10×10.5
0.34
350 12.5×13.5
0.16
800
150
151
10×10.5
0.18
670 12.5×13.5
0.16
800 12.5×13.5
0.32 500
16×16.5
0.17 793
220
221
10×10.5
0.18
670 12.5×13.5
0.16
800 12.5×16.0
0.25 600
330
331
12.5×13.5
0.12
900
16×16.5
0.082 1410
16×16.5
0.17 793
470
471
16×16.5
0.073 1610
16×16.5
0.082 1410
680
681
16×16.5
0.073 1610
1000
102
16×16.5
0.073 1610
100V (2A)
F
Vdc
100
101
50V (1H)
63V (1J)
80V (1K)
Aluminum Electrolytic Capacitors
VFZ Series: Low Impedence, Long Life
Page 2 of 5
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
17.05.2022
DIMENSION, IMPEDENCE & PERMISSIBLE RIPPLE CURRENTS
CONSTRUCTION Electrolytic paper
Electrolyte
Aluminum case
Aluminum foil (anode & cathode foil)
Rubber seal
Base plate
Lead wire



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com