Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFZ Datasheet(PDF) 3 Page - RFE international

Part # VFZ
Description  Aluminum Electrolytic Capacitors VFZ Series: Low Impedence, Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

VFZ Datasheet(HTML) 3 Page - RFE international

  VFZ Datasheet HTML 1Page - RFE international VFZ Datasheet HTML 2Page - RFE international VFZ Datasheet HTML 3Page - RFE international VFZ Datasheet HTML 4Page - RFE international VFZ Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Size (
D×L)
Y
±0.3
H
±0.2
W
±0.2
P
±0.1
E
±0.1
F
±0.1
T
±0.2
4
×5.4
12.0
5.0
5.0
8.0
1.75
5.5
6.0
4×5.8
12.0
5.0
5.0
8.0
1.75
5.5
6.5
4×7.0
12.0
5.0
5.0
8.0
1.75
5.5
7.5
5×5.4
12.0
6.0
6.0
12.0
1.75
5.5
6.0
5×5.8
12.0
6.0
6.0
12.0
1.75
5.5
6.5
5×7.0
12.0
6.0
6.0
12.0
1.75
5.5
7.5
6.3×5.4
16.0
8.7
8.7
12.0
1.75
7.5
6.0
6.3×5.8
16.0
8.7
8.7
12.0
1.75
7.5
6.5
6.3×7.7
16.0
8.7
8.7
12.0
1.75
7.5
8.2
6.3×8.7
16.0
8.7
8.7
12.0
1.75
7.5
9.2
8×6.5
16.0
8.7
8.7
12.0
1.75
7.5
7.2
8×10.5
24.0
8.7
8.7
16.0
1.75
11.5
11.5
8×12.5
24.0
8.7
8.7
16.0
1.75
11.5
13.5
10×7.7
24.0
10.7
10.7
16.0
1.75
11.5
8.5
10×10.5
24.0
10.7
10.7
16.0
1.75
11.5
11.5
10×12.5
24.0
10.7
10.7
16.0
1.75
11.5
13.5
10×13.5
24.0
10.7
10.7
16.0
1.75
11.5
14.5
Size (
D×L)
Y
±0.3
H
±0.2
W
±0.2
P
±0.1
E
±0.1
F
±0.1
T
±0.2
S± 0.1
12.5×13.5
12.0
5.0
5.0
8.0
1.75
5.5
6.0
28.5
12.5×16.0
12.0
5.0
5.0
8.0
1.75
5.5
6.5
28.5
16.0×16.5
12.0
5.0
5.0
8.0
1.75
5.5
7.5
40.2
Aluminum Electrolytic Capacitors
VFZ Series: Low Impedence, Long Life
Page 3 of 5
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
17.05.2022
CARRIER TAPE: D≤10mm
CARRIER TAPE: D≤12.5mm
PACKAGING SPECIFICATIONS
JIS C0806 and IEC 60286, Surface Mount Type Taping Specifications in milimeters (mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com