Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFZ Datasheet(PDF) 5 Page - RFE international

Part # VFZ
Description  Aluminum Electrolytic Capacitors VFZ Series: Low Impedence, Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

VFZ Datasheet(HTML) 5 Page - RFE international

  VFZ Datasheet HTML 1Page - RFE international VFZ Datasheet HTML 2Page - RFE international VFZ Datasheet HTML 3Page - RFE international VFZ Datasheet HTML 4Page - RFE international VFZ Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aluminum Electrolytic Capacitors
VFZ Series: Low Impedence, Long Life
Page 5 of 5
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
17.05.2022
REFLOW SOLDERING CONDITION
1. Thermal condition system such as infrared radiation (IR) or hot blast should be used,
vapor phase (VPS) is not recommended.
2. The maximum cycle of reflow soldering is two times. The second cycle must be done
after sufficient cooling time for more than one hour to return the temperatures of
circuit boards and componenets back to room temperature
3. For lead-free type reflow soldering, please observe proper conditions below:
Preheat : 150°C to 180°C within 120 seconds
Voltage (V)
Diameter
200
˚C T Max
217
˚C T1 Max 230 ˚C T2 Max
TP5S Max
4 to 6.3
≤ 70 sec.
≤ 60 sec.
≤ 40 sec.
250
˚C
8
≤ 60 sec.
≤ 50 sec.
≤ 30 sec.
245
˚C
10, 12.5
≤ 50 sec.
≤ 40 sec.
≤ 20 sec.
240
˚C
16, 18
≤ 50 sec.
≤ 30 sec.
≤ 15 sec.
235
˚C
4 to 6.3
≤ 60 sec.
≤ 50 sec.
≤ 40 sec.
250
˚C
8
≤ 60 sec.
≤ 40 sec.
≤ 30 sec.
240
˚C
10
≤ 50 sec.
≤ 30 sec.
≤ 20 sec.
240
˚C
12.5
≤ 50 sec.
≤ 30 sec.
≤ 20 sec.
235
˚C
16, 18
≤ 45 sec.
≤ 20 sec.
≤ 10 sec.
235
˚C
4 to 63
80 to 100
• These devices do not intentionally contain any restricted substances listed in RoHS directive (Cd, Pb, Hg, Cr(VI),
PBB, PBDE, DEHP.
• Our products are “articals without any intended release” and are not applicable for registration for REACH article 7.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com