Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFZ Datasheet(PDF) 1 Page - RFE international

Part # VFZ
Description  Aluminum Electrolytic Capacitors VFZ Series: Low Impedence, Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

VFZ Datasheet(HTML) 1 Page - RFE international

  VFZ Datasheet HTML 1Page - RFE international VFZ Datasheet HTML 2Page - RFE international VFZ Datasheet HTML 3Page - RFE international VFZ Datasheet HTML 4Page - RFE international VFZ Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Items
Capacitance Tolerance
Leakage Current at 20°C
Tes t Time
Capacitance Change
Dis s ipation Fa ctor
Leakage Current
S helf Life Tes t
120
1K
Multiplier
0.60
0.7
0.85
Tes t Time: 1000 hrs ; other items are the s ame as thos e for the load life tes t
W ithin ±25% of initial value
Frequency (Hz)
50, 60
P erformance
I = 0.01CV or 3 (µA) whichever is greater (after 2 minutes )
W here, C= rated capacitance in µF, V = rated DC working voltage in V
R ipple Current &
Frequency Multipliers
W ithin ±25% of initial value
Les s than 200% of s pecified value
W ithin s pecified value
1
10K up
Les s than 200% of s pecified value
W ithin s pecified value
Low Temperature
Characteris tics at 120Hz
Dis s ipation Fa ctor (Tan )
at 120Hz, 20°C
Load Life Tes t
Operating Temperature
R ange
± 20% (at 120 Hz, 20°C)
δ
V F Z 101
M 1V
T R 080105
Series
Capacitance
Code
Tolerance
Code
Voltage
Code
Package
Style
Can Size
(8 x 10L)
6.3 ~ 100V
-55°C ~ +105°C
6.3
10
16
25
35
50
63
80
100
Ø4 ~ Ø10
0.24
0.20
0.18
0.16
0.14
0.12
0.12
0.12
0.12
Ø12.5~Ø16
0.28
0.24
0.20
0.18
0.16
0.14
0.14
0.14
0.14
Rated Voltage (Vdc)
Tan
δ
(max.)
6.3
10
16
25
35
50
63
80
100
Z-25°C / Z+20°C
3
3
3
3
3
3
2
2
2
Z-55°C / Z+20°C
4
4
4
3
3
3
3
3
3
Rated Voltage (Vdc)
Impedance Ratio
ZT / Z20 (max.)
5,000 hrs for all others
3,000hrs: 4, 5, 6.3, 8x6.5,10x7.7
• 105°C 3,000 ~ 5,000 hours assured
• Ultra low impedance capacitors
• RoHS compliant
• When the capacitance exceeds 1,000 F, 0.02 should be added every 1,000 F increase.
• Impedance ratio shall not exceed the values given in the table above.
D ≥ 6.3 mm
Capacitance
Rated Voltage
Production Code
Negative
polarity
220
16V
VFZ
D ±0.5
L
W ±0.2 H ±0.2 C ±0.2
R
P ±0.2
4
5.8 ±0.4
4.3
4.3
5.1
0.5 ~ 0.8
1.0
5
5.8 ±0.4
5.3
5.3
6.1
0.5 ~ 0.8
1.3
6.3
5.8 ±0.4
6.6
6.6
7.3
0.5 ~ 0.8
2.2
6.3
7.7 ±0.4
6.6
6.6
7.3
0.5 ~ 0.8
2.2
8
6.5 ±0.5
8.3
8.3
9.2
0.7 ~ 1.2
3.1
8
10.5 ±0.5
8.3
8.3
9.2
0.7 ~ 1.2
3.1
10
7.7 ±0.5
10.3
10.3
11.2
0.7 ~ 1.2
4.4
10
10.5 ±0.5
10.3
10.3
11.2
0.7 ~ 1.2
4.4
10
13.5 ±0.5
10.3
10.3
11.2
0.7 ~ 1.2
4.4
12.5
13.5 ±0.5
13.0
13.0
14.0
1.0 ~ 1.4
4.4
12.5
16.0 ±0.5
13.0
13.0
14.0
1.0 ~ 1.4
4.4
16
16.5 ±0.5
17.0
17.0
18.0
1.0 ~ 1.4
6.4
(by can size)
• The above specications shall be satised when the capacitors are restored to 20ºC after the rated voltage applied for 2,000~5,000hrs at 105ºC
Aluminum Electrolytic Capacitors
VFZ Series: Low Impedence, Long Life
Page 1 of 5
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
17.05.2022
FEATURES
SPECIFICATIONS
PAD SPACING AND DIAMETER
MARKINGS
PART NUMBER EXAMPLE


Similar Description - VFZ

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
105 쨘C Long Life Aluminum Electrolytic Capacitors
logo
RFE international
RUA100M1HBK080115 RFE-RUA100M1HBK080115 Datasheet
125Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS RUA Series: 130C, Long Life
RUK100M1HBK080115 RFE-RUK100M1HBK080115 Datasheet
125Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS RUK Series: 125째C, Long Life
logo
Vishay Siliconix
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
10-Jan-17
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life
29-Sep-16
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
12-May-2021
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
Aluminum Electrolytic Capacitors Radial Long Life
15-Jul-16
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
10-Aug-2022
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
27-Mar-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com