Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB97C201_03 Datasheet HTML 13Page - SMSC Corporation USB97C201_03 Datasheet HTML 14Page - SMSC Corporation USB97C201_03 Datasheet HTML 15Page - SMSC Corporation USB97C201_03 Datasheet HTML 16Page - SMSC Corporation USB97C201_03 Datasheet HTML 17Page - SMSC Corporation USB97C201_03 Datasheet HTML 18Page - SMSC Corporation USB97C201_03 Datasheet HTML 19Page - SMSC Corporation USB97C201_03 Datasheet HTML 20Page - SMSC Corporation USB97C201_03 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
SMSC USB97C201
Page 17
Rev. 11-05-03
DATASHEET
SIE & BUFFER CONTROL REGISTERS
A9
USB_ADD
R/W
USB Address Register
29
AA
SIE_CONF
R/W
SIE Configuration Register
29
AB
USB_STAT
R/W
USB Bus Status Register
30
AC
USB_MSK
R/W
USB Bus Status Mask Register
30
B0
SIE_STAT
R
SIE Status Register
31
AD
USB_CONF
R/W
USB Configuration Number Register
32
AE
SIE_MSK
R/W
SIE Status Mask Register
31
AF
EP0RX_CTL
R/W
Endpoint 0 Receive Control Register
32
B1
EP0TX_CTL
R/W
Endpoint 0 Transmit Control Register
32
B2
EP1RX_CTL
R/W
Endpoint 1 Receive Control Register
32
B3
EP1TX_CTL
R/W
Endpoint 1 Transmit Control Register
33
B4
EP2_CTL
R/W
Endpoint 2 Control Register
33
B5
EP0RX_BC
R/W
Endpoint 0 Receive Byte Count Register
34
B6
EP0TX_BC
R/W
Endpoint 0 Transmit Byte Count Register
35
B7
EP1RX_BC
R/W
Endpoint 1 Receive Byte Count Register
35
C7
EP1TX_BC
R/W
Endpoint 1 Transmit Byte Count Register
35
CE
RAMWRBC_A1
R/W
RAM Buffer Write Byte Count Register A1
35
CF
RAMWRBC_A2
R/W
RAM Buffer Write Byte Count Register A2
35
D1
RAMWRBC_B1
R/W
RAM Buffer Write Byte Count Register B1
36
D2
RAMWRBC_B2
R/W
RAM Buffer Write Byte Count Register B2
36
D3
RAMRDBC_A1
R/W
RAM Buffer Read Byte Count Register A1
36
D4
RAMRDBC_A2
R/W
RAM Buffer Read Byte Count Register A2
36
D5
RAMRDBC_B1
R/W
RAM Buffer Read Byte Count Register B1
36
D6
RAMRDBC_B2
R/W
RAM Buffer Read Byte Count Register B2
36
D7
NAK
R/W
NAK Status Register
36
D9
NAK_MSK
R/W
NAK Mask Register
37
DA
USB_ERR
R
USB Error Register
39
ATA CONFIGURATION REGISTERS
DB
MSB_ATA
R/W
MSB ATA Data Register
38
DC
LSB_ATA
R/W
LSB ATA Data Register
38
DD
ATA_CTL
R/W
ATA Control Register
39
DE
ATA_DMA
R/W
ATA Ultra DMA Timing Register
40
DF
IDE_TIM
R/W
IDE Timing Register
40
E1
ATA_CNT0
R/W
ATA Transfer Count Register 0
38
E2
ATA_CNT1
R/W
ATA Transfer Count Register 1
38
E3
ATA_CNT2
R/W
ATA Transfer Count Register 2
38
E4
ATA_CNT3
R/W
ATA Transfer Count Register 3
39
E5
ATA_SRCA
R/W
ATA Slew Rate Control A Register
42
E6
ATA_SRCB
R/W
ATA Slew Rate Control B Register
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com