Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB97C201_03 Datasheet HTML 17Page - SMSC Corporation USB97C201_03 Datasheet HTML 18Page - SMSC Corporation USB97C201_03 Datasheet HTML 19Page - SMSC Corporation USB97C201_03 Datasheet HTML 20Page - SMSC Corporation USB97C201_03 Datasheet HTML 21Page - SMSC Corporation USB97C201_03 Datasheet HTML 22Page - SMSC Corporation USB97C201_03 Datasheet HTML 23Page - SMSC Corporation USB97C201_03 Datasheet HTML 24Page - SMSC Corporation USB97C201_03 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
SMSC USB97C201
Page 21
Rev. 11-05-03
DATASHEET
Table 9 - Interrupt 1 Mask
IMR_1
(0x94- RESET=0xFF)
INTERRUPT 1 MASK REGISTER
BIT
NAME
R/W
DESCRIPTION
7
ZLP_EP0
R/W
Zero Length Packet Interrupt Mask
0 = Enable Interrupt
1 = Mask Interrupt
6
Resereved
R/W
Reserved. This bit should never be written to a “0”.
5
ATA_PIO
R/W
ATA PIO Complete Interrupt Mask
0 = Enable Interrupt
1 = Mask Interrupt
4
EP1RX
R/W
Endpoint 1 Received Packet Interrupt Mask
0 = Enable Interrupt
1 = Mask Interrupt
3
EP1TX
R/W
Endpoint 1 Transmitted Packet Interrupt Mask
0 = Enable Interrupt
1 = Mask Interrupt
2
EP0RX
R/W
Endpoint 0 Received Packet Interrupt Mask
0 = Enable Interrupt
1 = Mask Interrupt
1
EP0TX
R/W
Endpoint 0 Transmitted Packet Interrupt Mask
0 = Enable Interrupt
1 = Mask Interrupt
0
SUSPEND
R/W
SUSPEND Interrupt Mask
0 = Enable Interrupt
1 = Mask Interrupt
Note 1: The mask bits do not prevent the status in the ISR_1 register from being set, only from generating an
interrupt.
Table 10 - Device Revision Register
DEV_REV
(0x95- RESET=0xXX)
DEVICE REVISION REGISTER
BIT
R/W
DESCRIPTION
[7:0]
XXh
R
This register defines additional revision information
used internally by SMSC. The value is silicon revision
dependent.
Table 11 - Device Identification Register
DEV_ID
(0x96- RESET=0x12)
DEVICE IDENTIFICATION REGISTER
BIT
R/W
DESCRIPTION
[7:0]
12h
R
This register defines additional revision information
used internally by SMSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com