Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 39 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button USB97C201_03 Datasheet HTML 35Page - SMSC Corporation USB97C201_03 Datasheet HTML 36Page - SMSC Corporation USB97C201_03 Datasheet HTML 37Page - SMSC Corporation USB97C201_03 Datasheet HTML 38Page - SMSC Corporation USB97C201_03 Datasheet HTML 39Page - SMSC Corporation USB97C201_03 Datasheet HTML 40Page - SMSC Corporation USB97C201_03 Datasheet HTML 41Page - SMSC Corporation USB97C201_03 Datasheet HTML 42Page - SMSC Corporation USB97C201_03 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
SMSC USB97C201
Page 39
Rev. 11-05-03
DATASHEET
Table 56 – ATA Transfer Count Register 3
ATA_CNT3
(0xE4 - RESET=0x00)
ATA TRANSFER COUNT REGISTER 3
BIT
NAME
R/W
DESCRIPTION
[7:0]
D[31:24]
R/W
See note below.
Note: The ATA_CNT[3:0] register must be written with the byte count of the total ATA transfer to be made. Writing
the ATA_CNT0 register initializes the ATA block for the transfer and should be written last. Reading these registers,
will return the actual number of bytes remaining to be transferred. If the transfer is prematurely terminated or aborted,
then the ATA_ERR bit in the ATA_CTL register will be set.
Table 57 –ATA Control Register
ATA_CTL
(0xDD - RESET=0x00)
ATA CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7
OUT_ CONTROL
R/W
Setting this bit to a “1” allows the IDE_SA[2:0], IDE_nIOR,
IDE_nIOW,
IDE_nCS1,
IDE_nCS0,
IDE_DACK,
and
IDE_D[15:0] pins operate normally. When cleared (“0”),
these pins are high impedance.
6
PIO COMPLETE
R/W
This bit is set once any PIO access to the external drive
registers (31F0-31F7 & 33F6) has been completed (see
Section 6.3.2 for more information on PIO accesses). This
bit is cleared by writing a “1” to it. The value of the this bit is
mirrored in the ISR_1 register to allow and interrupt to be
generated, if desired. This bit is also cleared at the start of
any PIO access to the external drive registers.
5
ATA_ABORT
R/W
Setting this bit to a “1” will abort any ATA transfer to/from the
external device. The ATA_ERR bit will be set, also. It is
cleared upon initializing the next ATA transfer by writing a
value into the ATA_CNT0 register.
4
ATA_ERR
R
A “1” on this bit indicates that an error has occurred during
the ATA transfer/to/from the drive. It is cleared upon
initializing the next ATA transfer by writing a value into the
ATA_CNT0 register.
3
AUTO_TOG
R/W
When set to “1”, enables the automatic toggling between the
A and B SRAM buffers when writing to the SRAM. See
Section 6.9 on page 50 for more information
2
AUTO_TRANS
R/W
When set to a “1”, enables the automatic transfer mode of
operation. See Section 6.9 on page 50 for details. Writing
this bit to a “1”, automatically enables the automatic toggling
operation also, independent of the state of the AUTO-TOG
bit above.
1
Reserved
R
This bit always returns a “1”.
0
EN0
R/W
Primary Drive 0 UDMA Enable.
1: Enable UDMA mode for primary channel drive 0.
0: Disable (default)..
Note: If an ATA_ERR occurs, the state of which buffers (A or B) are being used for reading or writing form/to the ATA
block are unchanged. The firmware may determine which buffer was being used by the ATA at the time of the error by
reading either bit 4 or bit 5 of the EP2_CTL register and determine how much of the transfer was completed by
reading the ATA_CNx registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com