Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 49 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button USB97C201_03 Datasheet HTML 45Page - SMSC Corporation USB97C201_03 Datasheet HTML 46Page - SMSC Corporation USB97C201_03 Datasheet HTML 47Page - SMSC Corporation USB97C201_03 Datasheet HTML 48Page - SMSC Corporation USB97C201_03 Datasheet HTML 49Page - SMSC Corporation USB97C201_03 Datasheet HTML 50Page - SMSC Corporation USB97C201_03 Datasheet HTML 51Page - SMSC Corporation USB97C201_03 Datasheet HTML 52Page - SMSC Corporation USB97C201_03 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
SMSC USB97C201
Page 49
Rev. 11-05-03
DATASHEET
The IN_BUFx or OUT_BUFx (again,depending on the direction of EP2) controls the address for ATA access and
SRAM_ADDx does so for the 8051 accesses.
Which endpoint has access during the SIE’s time-slice is determined by the SIE, ie depending on what endpoint is
currently active on the USB bus. Since accesses occur at 15Mhz using DWORDs (32bits), this process is capable of
real time concurrency with the USB bus and does not require additional buffering in the SIE. Even if a received packet
is ultimately discarded, all that is required to do so is simply not generate the completion interrupt for that endpoint.
Similarly for the transmit process, allowing re-transmission.
6.7 SRAM Time Multiplexer Operation
The SRAM access, read or write, occurs in four sequential phases, Ø0-3. These periods are 16.666ns long (60Mhz)
and are non-overlapping. Data to/from the SRAM are buffered by local DWORD latches close to the SRAM to
minimize high-speed bussing. The rest of the USB97C201 subsystems access these latches during the phases when
they are NOT being used to transfer data to/from the SRAM.
6.7.1
PHASE 0 (Ø0)
During this phase, the SIE has access to the SRAM through its associated DWORD latches.
If data from EP0 or EP1 is ready (ie either a full DWORD or the end of a packet has been received), this data will be
written into the appropriate buffer address space and the associated EPxRX_BUF register incremented to reflect the
amount of buffer used to this point. If data to EP0 or EP1 is required by the SIE, it will load the data from the SRAM
into the DWORD latch whose address is determined by an incrementing address counter. This counter will be
compared against the EPx_TX register value, to determine if the buffer transfer has been completed.
If the DIR bit in EP2_CTL is “0”, and data is requested by the SIE for transmission to the host on EP2, the TOKEN
error bit in the USB_ERR register will be set and no other action occurs. If data is received by the SIE on EP2 (IN
tokens) and either a full DWORD or EOP has been received, then this data will be written into either the SRAM A or
SRAM B buffer space, as appropriate, and the associated
RAMWRBC_A/B registers incremented.
If the DIR bit in EP2_CTL is “1”, and data is received by the SIE from the host on EP2, the TOKEN error bit in the
USB_ERR register will be set and no other action occurs. If data to EP2 is required by the SIE from the SRAM, the
data will be loaded in the DWORD latch from the A or B buffer space, as appropriate. The SRAM data address will be
determined by an incrementing address counter which will be compared against the RAMRDBC_A/B registers’ value
to determine if the buffer transfer has been completed.
6.7.2
PHASE 1 (Ø1)
The ATA interface block has access to the SRAM via a DWORD latch during this phase.
If the DIR bit in EP2_CTL is “1”, when either a full DWORD or end of DMA has been received by the ATA interface
from the ATAPI/ATA device and loaded in to the DWORD latch, it will be written into either the A or B buffer space, as
appropriate, and the associated
RAMWRBC_A/B registers incremented.
If the DIR bit in EP2_CTL is “0”, data will be loaded in the DWORD latch from the A or B buffer space, as appropriate,
when the ATA interface requires data to be sent to the ATAPI/ATA device. The SRAM data address will be
determined by an incrementing address counter, which will be compared against the RAMRDBC_A/B registers’ value
to determine if the buffer transfer has been completed.
6.7.3
PHASE 2 (Ø2)
During this phase, the DWORD latch that interfaces to the SRAM_DATA register will be normally repetitively loaded
with data READ from the SRAM at the address determined by the higher order bits of the SRAM_ADD1/2 register.
The 8051 can read this data with a read to the SRAM_DATA port. Bits 0&1 of the SRAM_ADD1 register will
determine the byte read of the DWORD latch.
In order to write data from the 8051 to the SRAM, the 8051 will write the data into the SRAM_DATA register. The sub-
byte of the DWORD latch determined by bits 0 & 1 of the SRAM_ADD1 register will be updated, and the entire
DWORD will be written to the SRAM at the address determined by the higher order address bits of the
SRAM_ADD1/2 registers during the next Ø2 interval. Subsequently, it will return to reading the SRAM data into the
DWORD latch on each Ø2 interval. This allows single byte modifications of the the 32 bit wide SRAM to be executed
by the 8051.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com