Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5302MS Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 26Page - Infineon Technologies AG MA5302MS Datasheet HTML 27Page - Infineon Technologies AG MA5302MS Datasheet HTML 28Page - Infineon Technologies AG MA5302MS Datasheet HTML 29Page - Infineon Technologies AG MA5302MS Datasheet HTML 30Page - Infineon Technologies AG MA5302MS Datasheet HTML 31Page - Infineon Technologies AG MA5302MS Datasheet HTML 32Page - Infineon Technologies AG MA5302MS Datasheet HTML 33Page - Infineon Technologies AG MA5302MS Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Datasheet
30 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
The single-supply configuration uses a virtual GND which sits in the middle of the power supply rail. The front-
end section of the amplifier refers to the virtual GND as a reference. This method uses differential input to
receive an input signal from a different voltage potential. It is recommended to allow input capacitors to fully
settle to steady-state values before releasing the CSD pin to start PWM oscillation. The load current and
inductor ripple current flow through the bus splitting capacitor.
Figure 24 Typical Application Circuit with Single Power Supply
Balanced Tied Load (BTL) output takes two output legs for speaker output. It doubles output power with
double load impedance. Any load current does not flow through supply dividing capacitor; therefore BTL
configuration is free from GND fluctuations. Also, the bus splitting capacitor can be much smaller. Higher
output power and absence of GND fluctuation make BTL suitable for subwoofer applications.
Figure 25 Typical Bridged Tied Load (BTL) Output Application with Split Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com