Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5302MS Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 45Page - Infineon Technologies AG MA5302MS Datasheet HTML 46Page - Infineon Technologies AG MA5302MS Datasheet HTML 47Page - Infineon Technologies AG MA5302MS Datasheet HTML 48Page - Infineon Technologies AG MA5302MS Datasheet HTML 49Page - Infineon Technologies AG MA5302MS Datasheet HTML 50Page - Infineon Technologies AG MA5302MS Datasheet HTML 51Page - Infineon Technologies AG MA5302MS Datasheet HTML 52Page - Infineon Technologies AG MA5302MS Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Datasheet
49 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
13.2.2
Choosing Bootstrap Diode
Use a bootstrap charging diode with voltage rating of 1.5 x the maximum bus voltage. In order to charge the
bootstrap capacitor in a very short low-side ON period with a high PWM modulation ratio, a fast recovery diode
type with trr of <50ns and Ct of <10pF at 0V is recommended.
13.2.3
Charging VBS Prior to Start
For proper start-up, pre-charging the bootstrap supply VBS prior to PWM start-up is necessary for self-oscillating
PWM modulator topologies. A charging resistor, RCHARGE, inserted between the positive supply bus and VB, charges
CBS prior to switching start as shown in Figure 46. The minimum resistance of RCHARGE is limited by the maximum
PWM modulation index of the system. When the high-side MOSFET is on, RCHARGE drains the bootstrap power supply
together with the quiescent current, IQBS, so it reduces the holding time, resulting in maximum continuous high-side
on time.
The maximum resistance of RCHARGE is limited by the current charge capability of the resistor during startup.
Pre-charging current flows into the speaker load. In order to startup without the load connected, a dummy load
Rdummy in parallel with the speaker output provides a pre-charging current path.
Figure 46 Bootstrap Supply Pre-Charging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com