Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5302MS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 9Page - Infineon Technologies AG MA5302MS Datasheet HTML 10Page - Infineon Technologies AG MA5302MS Datasheet HTML 11Page - Infineon Technologies AG MA5302MS Datasheet HTML 12Page - Infineon Technologies AG MA5302MS Datasheet HTML 13Page - Infineon Technologies AG MA5302MS Datasheet HTML 14Page - Infineon Technologies AG MA5302MS Datasheet HTML 15Page - Infineon Technologies AG MA5302MS Datasheet HTML 16Page - Infineon Technologies AG MA5302MS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Datasheet
13 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
IOCPn
Over current detection Positive
threshold, n=1-2(8)
-
60
-
A
IOCNn
Over current detection Negative
threshold, n=1-2(9)
-
-60
-
A
Vth1
CSD pin shutdown release
threshold
0.62xVAA
0.70xVAA
0.78xVAA
V
Vth2
CSD pin self-reset threshold
0.26xVAA
0.30xVAA
0.34xVAA
V
ICSD+
CSD pin discharge current
70
100
130
µA
VCSD = VSS +4.8V
ICSD-
CSD pin charge current
70
100
130
µA
VCSD = VSS +4.8V
tSDn
Shutdown propagation delay from
VS < Vth1 to Shutdown, n=1-2
-
-
250
ns
COMP = VSS
tOCPn
CHn propagation delay time from
IOn > IOCPn to Shutdown, n=1-2
-
-
500
ns
COMP = VSS
tOCNn
CHn propagation delay time from
IOn < IOCNn to Shutdown, n=1-2
-
-
500
ns
COMP = VSS
Vth+CLIP
Clip detection positive threshold in
COMP
0.85xVAA
0.90xVAA
0.95xVAA
V
Vth-CLIP
Clip detection negative threshold in
COMP
0.05xVAA
0.10xVAA
0.15xVAA
V
tCLIP
Clipping detection propagation
delay
-
40
-
ns
tCLIPmin
Clipping detection minimum output
duration
-
3
-
us
TSD
Over-temperature shutdown
threshold in controller IC
100
-
-
ºC
TSDHYS
Over-temperature shutdown
threshold hysteresis
-
7
-
ºC
4.4
Audio characteristics (SE)
Table 3
Parameter
Test conditions
Typ
Unit
Po Power output per channel(10)
RL= 6Ω, 10%THD+N, Vbus = ± 32 V
100
W
RL= 4Ω, 10%THD+N, Vbus = ± 32 V
150
RL= 3Ω, 10%THD+N, Vbus = ± 32V
198
RL= 2Ω, 10%THD+N, Vbus = ± 28.5 V
220
RL= 6Ω, 1%THD+N, Vbus = ± 32 V
90
RL= 4Ω, 1%THD+N, Vbus = ± 32 V
110
RL= 3Ω, 1%THD+N, Vbus = ± 32 V
147
RL= 2Ω, 1%THD+N, Vbus = ± 28.5V
175
Residual noise(AES-17, IHF-A,
typical)
EVAL_MA5302MS_200Wx2, Vbus = ± 32 V ,RL= 4Ω
170
uV
Idling supply current
EVAL_MA5302MS_200Wx2, Vbus = ± 32 V ,RL= 4Ω
+45
mA
-75
Efficiency(11)
EVAL_MA5302MS_200Wx2, Vbus = ± 28.5 V ,RL= 2Ω
94
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com