Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMZ11B1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # KMZ11B1
Description  Magnetic field sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ11B1 Datasheet(HTML) 5 Page - NXP Semiconductors

  KMZ11B1 Datasheet HTML 1Page - NXP Semiconductors KMZ11B1 Datasheet HTML 2Page - NXP Semiconductors KMZ11B1 Datasheet HTML 3Page - NXP Semiconductors KMZ11B1 Datasheet HTML 4Page - NXP Semiconductors KMZ11B1 Datasheet HTML 5Page - NXP Semiconductors KMZ11B1 Datasheet HTML 6Page - NXP Semiconductors KMZ11B1 Datasheet HTML 7Page - NXP Semiconductors KMZ11B1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1996 Dec 11
5
Philips Semiconductors
Preliminary specification
Magnetic field sensor
KMZ11B1
Fig.4
Safe Operating Area (permissible disturbing
field Hd as a component of auxiliary field Hx).
In applications with Hx < 3 kA/m, the sensor has to be reset,
after leaving the SOAR, by an auxiliary field of Hx = 3 kA/m.
(1) Region of permissible operation.
(2) Permissible extension if Hy < 1 kA/m.
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
05
20
0
MSA925
10
1
234
Hd
(kA/m)
safe operating
area
(1)
Hd
Hy
Hx
Hy > 1 kA/m
Hy > 1 kA/m
(2)
Hx (kA/m)
Fig.5
Relative sensitivity (ratio of sensitivity at
certain Hx and sensitivity at Hx = 3 kA/m).
In applications with Hx ≤ 3 kA/m, the sensor has to be
reset by an auxiliary field of Hx = 3 kA/m before use.
05
2
0
MSA924
1
1
234
S (H
x)
S (3 kA/m)
Hx (kA/m)
Hx = 3 kA/m; Tamb =25 °C; Voffset =0.
Fig.6 Sensor output characteristics.
21
8
4
4
8
0
MSA926
012
H
(kA/m)
y
Vo
(mV/V)
max
typ
min
APPLICATION INFORMATION
The leadframe material is a copper alloy containing 2%
iron. In applications with magnetic fields outside the
specified operating range an increasing hysteresis effect
will arise due to magnetization effects in the leadframe.
However, in angular measurement applications of the
KMZ11B1 in combination with strong magnetic fields
H > 50 kA/m there is no additional hysteresis present.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com