Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMZ11B1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # KMZ11B1
Description  Magnetic field sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ11B1 Datasheet(HTML) 4 Page - NXP Semiconductors

  KMZ11B1 Datasheet HTML 1Page - NXP Semiconductors KMZ11B1 Datasheet HTML 2Page - NXP Semiconductors KMZ11B1 Datasheet HTML 3Page - NXP Semiconductors KMZ11B1 Datasheet HTML 4Page - NXP Semiconductors KMZ11B1 Datasheet HTML 5Page - NXP Semiconductors KMZ11B1 Datasheet HTML 6Page - NXP Semiconductors KMZ11B1 Datasheet HTML 7Page - NXP Semiconductors KMZ11B1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1996 Dec 11
4
Philips Semiconductors
Preliminary specification
Magnetic field sensor
KMZ11B1
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tamb =25 °C; Hx = 3 kA/m, note 1; VCC = 5 V unless otherwise specified.
Note
1. In applications with Hx < 3 kA/m the sensor has to be reset before first operation by application of an auxiliary field
Hx = 3 kA/m.
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
155
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
bridge supply voltage
5
V
Hy
magnetic field strength
−2
−+2
kA/m
S
sensitivity
open circuit
3.2
4.8
TCVO
temperature coefficient of
output voltage
VCC =5V;
Tamb = −25 to +125 °C
−−0.4
%/K
ICC = 3 mA;
Tamb = −25 to +125 °C
−−0.1
%/K
Rbridge
bridge resistance
1.9
2.9
k
TCRbridge
temperature coefficient of
bridge resistance
Tbridge = −25 to +125 °C
0.3
%/K
Voffset
offset voltage
−1.5
+1.5
mV/V
TCVoffset
offset voltage drift
Tbridge = −25 to +125 °C
−3
−+3
FL
linearity deviation of output
voltage
Hy =0to ±1 kA/m
−−±0.5
%
⋅FS
Hy =0to ±1.6 kA/m
−−±1.7
%
⋅FS
Hy =0to ±2 kA/m
−−±4%⋅FS
FH
hysteresis of output voltage
−−
1%
⋅FS
f
operating frequency
0
1
MHz
mV V
kA m
-----------------
µVV
K
---------------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com