Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMZ11B1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # KMZ11B1
Description  Magnetic field sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ11B1 Datasheet(HTML) 3 Page - NXP Semiconductors

  KMZ11B1 Datasheet HTML 1Page - NXP Semiconductors KMZ11B1 Datasheet HTML 2Page - NXP Semiconductors KMZ11B1 Datasheet HTML 3Page - NXP Semiconductors KMZ11B1 Datasheet HTML 4Page - NXP Semiconductors KMZ11B1 Datasheet HTML 5Page - NXP Semiconductors KMZ11B1 Datasheet HTML 6Page - NXP Semiconductors KMZ11B1 Datasheet HTML 7Page - NXP Semiconductors KMZ11B1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1996 Dec 11
3
Philips Semiconductors
Preliminary specification
Magnetic field sensor
KMZ11B1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
bridge supply voltage
12
V
Ptot
total power dissipation
up to Tamb = 130 °C
120
mW
Tstg
storage temperature
−65
+150
°C
Tbridge
bridge operating temperature
−40
+150
°C
Fig.3 Power derating curve.
handbook, halfpage
0
150
100
50
0
50
100
150
MSA927
T
( C)
amb
o
P
(mW)
tot



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com