Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMZ11B1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KMZ11B1
Description  Magnetic field sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ11B1 Datasheet(HTML) 2 Page - NXP Semiconductors

  KMZ11B1 Datasheet HTML 1Page - NXP Semiconductors KMZ11B1 Datasheet HTML 2Page - NXP Semiconductors KMZ11B1 Datasheet HTML 3Page - NXP Semiconductors KMZ11B1 Datasheet HTML 4Page - NXP Semiconductors KMZ11B1 Datasheet HTML 5Page - NXP Semiconductors KMZ11B1 Datasheet HTML 6Page - NXP Semiconductors KMZ11B1 Datasheet HTML 7Page - NXP Semiconductors KMZ11B1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Dec 11
2
Philips Semiconductors
Preliminary specification
Magnetic field sensor
KMZ11B1
DESCRIPTION
The KMZ11B1 is a sensitive magnetic field sensor,
employing the magnetoresistive effect of thin-film
permalloy. Its properties enable this sensor to be used in a
wide range of applications for current and field
measurement, revolution counters, angular or linear
displacement sensors, proximity detectors, etc.
The sensor can be operated at any frequency between DC
and 1 MHz.
PINNING
PIN
SYMBOL
DESCRIPTION
1+VO
output voltage
2
GND
ground
3
−V
O
output voltage
4VCC
supply voltage
5 to 8
n.c.
not connected
Fig.1 Simplified outline.
handbook, halfpage
4
1
5
8
MGD804
pin 1
index
Hy
Hx
QUICK REFERENCE DATA
CIRCUIT DIAGRAM
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
bridge supply voltage
5
V
Hy
magnetic field strength
−2
+2
kA/m
Hx
auxiliary field
3
kA/m
S
sensitivity
4
Rbridge
bridge resistance
1.9
2.9
k
Voffset
offset voltage
−1.5
+1.5
mV/V
mV V
kA m
-----------------
Fig.2 Simplified circuit diagram.
handbook, full pagewidth
MLC716
4
3
2
V
CC
1
+VO
–VO
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com