Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL162C Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29BL162C
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL162C Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29BL162C Datasheet HTML 16Page - Advanced Micro Devices AM29BL162C Datasheet HTML 17Page - Advanced Micro Devices AM29BL162C Datasheet HTML 18Page - Advanced Micro Devices AM29BL162C Datasheet HTML 19Page - Advanced Micro Devices AM29BL162C Datasheet HTML 20Page - Advanced Micro Devices AM29BL162C Datasheet HTML 21Page - Advanced Micro Devices AM29BL162C Datasheet HTML 22Page - Advanced Micro Devices AM29BL162C Datasheet HTML 23Page - Advanced Micro Devices AM29BL162C Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
16
Am29BL162C
22142F9 January 22, 2007
D A TA
SH EET
Table 6.
Device Geometry Definition
Addresses
Data
Description
27h
0015h
Device Size = 2N byte
28h
29h
0001h
0000h
Flash Device Interface description (refer to CFI publication 100)
2Ah
2Bh
0000h
0000h
Max. number of bytes in multi-byte write = 2N
(00h = not supported)
2Ch
0004h
Number of Erase Block Regions within device
2Dh
2Eh
2Fh
30h
0000h
0000h
0040h
0000h
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
31h
32h
33h
34h
0001h
0000h
0020h
0000h
Erase Block Region 2 Information
35h
36h
37h
38h
0000h
0000h
0080h
0003h
Erase Block Region 3 Information
39h
3Ah
3Bh
3Ch
0006h
0000h
0000h
0004h
Erase Block Region 4 Information
Table 7.
Primary Vendor-Specific Extended Query
Addresses
Data
Description
40h
41h
42h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
0031h
Major version number, ASCII
44h
0030h
Minor version number, ASCII
45h
0000h
Address Sensitive Unlock
0 = Required, 1 = Not Required
46h
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
0004h
Sector Protect/Unprotect scheme
4Ah
0000h
Simultaneous Operation
00 = Not Supported, 01 = Supported
4Bh
0003h
Burst Mode Type
00 = Not Supported, 01 = 4 word Linear Burst, 02 = 8 Word linear Burst,
03 = 32 Word Linear Burst, 04 = 4 Word Interleave Burst
4Ch
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com