Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL162C Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29BL162C
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL162C Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29BL162C Datasheet HTML 3Page - Advanced Micro Devices AM29BL162C Datasheet HTML 4Page - Advanced Micro Devices AM29BL162C Datasheet HTML 5Page - Advanced Micro Devices AM29BL162C Datasheet HTML 6Page - Advanced Micro Devices AM29BL162C Datasheet HTML 7Page - Advanced Micro Devices AM29BL162C Datasheet HTML 8Page - Advanced Micro Devices AM29BL162C Datasheet HTML 9Page - Advanced Micro Devices AM29BL162C Datasheet HTML 10Page - Advanced Micro Devices AM29BL162C Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
January 22, 2007 22142F9
Am29BL162C
3
D A TA
SH EET
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Connection Diagrams
. . . . . . . . . . . . . . . . . . . . . . 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . . 8
Table 1. Device Bus Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . .8
Requirements for Reading Array Data Array in Asynchronous
(Non-Burst) Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Requirements for Reading Array Data in Synchronous
(Burst) Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Burst Suspend/Burst Resume Operations . . . . . . . . . . . . . . . 10
IND# End of Burst Indicator . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Writing Commands/Command Sequences . . . . . . . . . . . . . . 10
Program and Erase Operation Status . . . . . . . . . . . . . . . . . . 10
Standby Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Automatic Sleep Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
RESET#: Hardware Reset Pin . . . . . . . . . . . . . . . . . . . . . . . 10
Output Disable Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 2. Sector Address Table . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
Autoselect Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 3. Am29BL162C Autoselect Codes (High Voltage Method) .12
Sector Protection/Unprotection . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 1. In-System Sector Protect/Unprotect Algorithms . . . . . . . 13
Temporary Sector Unprotect . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 2. Temporary Sector Unprotect Operation . . . . . . . . . . . . . 14
Hardware Data Protection . . . . . . . . . . . . . . . . . . 14
Low VCC Write Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Write Pulse “Glitch” Protection . . . . . . . . . . . . . . . . . . . . . . . 14
Logical Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Power-Up Write Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Common Flash Memory Interface (CFI) . . . . . . . 15
Table 4. CFI Query Identification String . . . . . . . . . . . . . . . . . . . . .15
Table 5. System Interface String . . . . . . . . . . . . . . . . . . . . . . . . . . .15
Table 6. Device Geometry Definition . . . . . . . . . . . . . . . . . . . . . . .16
Table 7. Primary Vendor-Specific Extended Query . . . . . . . . . . . .16
Command Definitions . . . . . . . . . . . . . . . . . . . . . 17
Reading Array Data in Non-burst Mode . . . . . . . . . . . . . . . . 17
Reading Array Data in Burst Mode . . . . . . . . . . . . . . . . . . . . 17
Figure 3. Burst Mode Read with 40 MHz CLK, 65 ns
tIACC,18 ns tBACC Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 4. Burst Mode Read with 25 MHz CLK, 70 ns
tIACC,24 ns tBACC Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Reset Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Autoselect Command Sequence . . . . . . . . . . . . . . . . . . . . . . 18
Program Command Sequence . . . . . . . . . . . . . . . . . . . . . . . 19
Unlock Bypass Command Sequence . . . . . . . . . . . . . . . . . . . . . . .19
Figure 5. Program Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Chip Erase Command Sequence . . . . . . . . . . . . . . . . . . . . . 20
Sector Erase Command Sequence . . . . . . . . . . . . . . . . . . . . 20
Figure 6. Erase Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Erase Suspend/Erase Resume Commands . . . . . . . . . . . . . 21
Asynchronous Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Burst Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
General . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Command Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 8. Am29BL162C Command Definitions . . . . . . . . . . . . . . . . 23
Write Operation Status . . . . . . . . . . . . . . . . . . . . 24
DQ7: Data# Polling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 7. Data# Polling Algorithm . . . . . . . . . . . . . . . . . . . . . . . . . 24
RY/BY#: Ready/Busy# . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
DQ6: Toggle Bit I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
DQ2: Toggle Bit II . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Reading Toggle Bits DQ6/DQ2 . . . . . . . . . . . . . . . . . . . . . . . 25
DQ5: Exceeded Timing Limits . . . . . . . . . . . . . . . . . . . . . . . . 26
DQ3: Sector Erase Timer . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 8. Toggle Bit Algorithm. . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 9. Write Operation Status . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 28
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 28
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 11. ICC1 Current vs. Time (Showing Active and Automatic
Sleep Currents) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 12. Typical ICC1 vs. Frequency . . . . . . . . . . . . . . . . . . . . . 30
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 13. Test Setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 10. Test Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Key to Switching Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 14. Input Waveforms and Measurement Levels . . . . . . . . 31
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 15. Conventional Read Operations Timings . . . . . . . . . . . 34
Figure 16. Burst Mode Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Hardware Reset (RESET#) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 17. RESET# Timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Erase/Program Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 18. Program Operation Timings. . . . . . . . . . . . . . . . . . . . . 37
Figure 19. Chip/Sector Erase Operation Timings . . . . . . . . . . . . . 38
Figure 20. Data# Polling Timings (During Embedded Algorithms) 39
Figure 21. Toggle Bit Timings (During Embedded Algorithms). . . 39
Figure 22. DQ2 vs. DQ6 for Erase and
Erase Suspend Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 23. Temporary Sector Unprotect Timing Diagram . . . . . . . 40
Figure 24. Sector Protect/Unprotect Timing Diagram . . . . . . . . . . 41
Alternate CE# Controlled Erase/Program Operations . . . . . . . . . . . . 42
Figure 25. Alternate CE# Controlled Write Operation Timings . . . 43
Erase and Programming Performance . . . . . . . 44
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
SSOP Pin Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 45
SSO056—56-Pin Shrink Small Outline Package . . . . . . . . . . . . . . . . 45
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com