Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL162C Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29BL162C
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL162C Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29BL162C Datasheet HTML 7Page - Advanced Micro Devices AM29BL162C Datasheet HTML 8Page - Advanced Micro Devices AM29BL162C Datasheet HTML 9Page - Advanced Micro Devices AM29BL162C Datasheet HTML 10Page - Advanced Micro Devices AM29BL162C Datasheet HTML 11Page - Advanced Micro Devices AM29BL162C Datasheet HTML 12Page - Advanced Micro Devices AM29BL162C Datasheet HTML 13Page - Advanced Micro Devices AM29BL162C Datasheet HTML 14Page - Advanced Micro Devices AM29BL162C Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
January 22, 2007 22142F9
Am29BL162C
7
D A TA
SH EET
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
For information on full voltage range options (2.7 – 3.6 V),
please contact AMD.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29BL162C
B
65R
Z
I
TEMPERATURE RANGE
I = Industrial (–40
°C to +85°C)
E= Extended (–40°C to +125°C)
F= Industrial (–40°C to +°85C) for Pb-free Package
K= Extended (–40°C to +125°C) for Pb-free Package
PACKAGE TYPE
Z= 56-Pin Shrink Small Outline Package (SSOP 056)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
B= Bottom Sector
DEVICE NUMBER/DESCRIPTION
Am29BL162C
16 Megabit (1 M x 16-Bit)
CMOS 3.0 Volt-only High Performance Burst Mode Flash Memory
Valid Combinations
Am29BL162CB-65R
ZI, ZE, ZF, ZK
Am29BL162CB-70R
ZI, ZE, ZF, ZK
Am29BL162CB-90R
ZI, ZE, ZF, ZK
Am29BL162CB-120R
ZI, ZE, ZF, ZK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com