Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL162C Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM29BL162C
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL162C Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM29BL162C Datasheet HTML 23Page - Advanced Micro Devices AM29BL162C Datasheet HTML 24Page - Advanced Micro Devices AM29BL162C Datasheet HTML 25Page - Advanced Micro Devices AM29BL162C Datasheet HTML 26Page - Advanced Micro Devices AM29BL162C Datasheet HTML 27Page - Advanced Micro Devices AM29BL162C Datasheet HTML 28Page - Advanced Micro Devices AM29BL162C Datasheet HTML 29Page - Advanced Micro Devices AM29BL162C Datasheet HTML 30Page - Advanced Micro Devices AM29BL162C Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
January 22, 2007 22142F9
Am29BL162C
23
D A TA
SH EET
Command Definitions
Table 8.
Am29BL162C Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed.
Addresses latch on the falling edge of the WE# or CE# pulse,
whichever happens later.
PD = Data to be programmed at location PA. Data latches on the
rising edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A19–A12 uniquely select any sector.
Notes:
1. See Table 1 for description of bus operations.
2. All values are in hexadecimal.
3. Except for the read cycle and the fourth cycle of the
autoselect command sequence, all bus cycles are write
cycles.
4. Data bits DQ15–DQ8 are don’t cares for unlock and
command cycles.
5. Address bits A19–A11 are don’t cares for unlock and
command cycles, unless SA or PA required.
6. No unlock or command cycles required when reading array
data.
7. The Reset command is required to return to reading array
data when device is in the autoselect mode, or if DQ5 goes
high (while the device is providing status data).
8. The fourth cycle of the autoselect command sequence is a
read cycle.
9. The data is 00h for an unprotected sector and 01h for a
protected sector. See “Reset Command” for more
information.
10. The data is 00h if the device is in asynchronous mode and
01h if in synchronous (burst) mode.
11. Command is valid when device is ready to read array data or
when device is in autoselect mode.
12. The Unlock Bypass command is required prior to the Unlock
Bypass Program command.
13. The Unlock Bypass Reset command is required to return to
reading array data when the device is in the unlock bypass
mode.
14. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend
mode. The Erase Suspend command is valid only during a
sector erase operation.
15. The Erase Resume command is valid only during the Erase
Suspend mode.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 6)1
RA
RD
Reset (Note 7)1
XXX
F0
Manufacturer ID
4
555
AA
2AA
55
555
90
X00
01
Device ID, Bottom Boot Block
4
555
AA
2AA
55
555
90
X01
2203
Sector Protect Verify (Note 9)
4
555
AA
2AA
55
555
90
(SA)
X02
0000
0001
Burst Mode Status (Note 10)
4
555
AA
2AA
55
555
90
X03
0000
0001
CFI Query (Note 11)
1
55
98
Program
4
555
AA
2AA
55
555
A0
PA
PD
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass Program (Note 12)2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 13)
2
XXX
90
XXX
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Erase Suspend (Note 14)1
XXX
B0
Erase Resume (Note 15)1
XXX
30
Burst Mode
Burst Mode Enable
4
555
AA
2AA
55
555
C0
XXX
01
Burst Mode Disable
4
555
AA
2AA
55
555
C0
XXX
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com