Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802CB Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM29BL802CB
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802CB Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM29BL802CB Datasheet HTML 13Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 14Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 15Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 16Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 17Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 18Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 19Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 20Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
November 3, 2006 22371C7
Am29BL802C
15
D A TA
SH EET
or while in the autoselect mode. See the “Reset Com-
mand” section, next.
See also “Requirements for Reading Array Data Array in
Asynchronous (Non-Burst) Mode” in the “Key to Switch-
ing Waveforms” section for more information. The Read
Operations table provides the read parameters, and Fig-
ure 15 shows the timing diagram.
Reading Array Data in Burst Mode
The device powers up in the non-burst mode. To read
array data in burst mode, the system must write the
four-cycle Burst Mode Enable command sequence
(see Table 4). The device then enters burst mode. In
addition to asserting CE#, OE#, and WE# control sig-
nals, burst mode operation requires that the system
provide appropriate LBA#, BAA#, and CLK signals. For
successful burst mode reads, the following events must
occur (refer to Figures 3 and 4 for this discussion):
1. The system asserts LBA# low, indicating to the de-
vice that a valid initial burst address is available on
the address bus. LBA# must be kept low until at
least the next rising edge of the CLK signal, upon
which the device loads the initial burst address.
2. The system returns LBA# to a logic high. The device
requires that the next rising edge of CLK occur with
LBA# high for proper burst mode operation. Typi-
cally, the initial number of CLK cycles depends on
the clock frequency and the rated speed of the de-
vice.
3. After the initial data has been read, the system as-
serts BAA# low to indicate it is ready to read the re-
maining burst read cycles. Each successive rising
edge of the CLK signal then causes the flash device
to increment the burst address and output sequen-
tial burst data.
4. When the device outputs the last word of data in the
32-word burst mode read sequence, the device out-
puts a logic low on the IND# pin. This indicates to
the system that the burst mode read sequence is
complete.
5. To exit the burst mode, the system must write the
four-cycle Burst Mode Disable command sequence.
The device will also exit the burst mode if powered
down or if RESET# is asserted. The device will not
exit the burst mode if the reset command is written.
Figure 3.
Burst Mode Read with 40 MHz CLK, 65 ns tIACC, 18 ns tBACC Parameters
CLK
LBA#
BAA#
Data
OE#
Step 1
Step 2
Step 3
25 ns
25 ns
25 ns
25 ns
65 ns
25 ns
18 ns
Da
Da +1
Da +2
18 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com