Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802CB Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM29BL802CB
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802CB Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM29BL802CB Datasheet HTML 38Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 39Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 40Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 41Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 42Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 43Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 44Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 45Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
44
Am29BL802C
22371C7 November 3, 2006
D A TA
SH EET
Erase/Program Operations table, Alternate CE#
Controlled Erase/Program Operations table
Changed typical sector erase time from 3 s to 1 s.
Erase and Programming Performance
Changed typical/maximum sector erase time from 3
s/60 s to 5 s/15 s, respectively. Changed typical chip
erase time from 22 s to 45 s. Changed endurance to 1
million cycles.
Revision C+4 (June 4, 2004)
Ordering Information
Changed Extended temperature range to -40°C.
Operating Ranges
Changed Extended temperature range to -40°C.
Revision C+5 (February 28, 2005)
Ordering Information
Changed Extended temperature range to -55°C.
Added Pb-free package information.
Valid Combinations Table
Added Pb-free combinations.
Revision C+6 (June 29, 2005)
Distinctive Characteristics
Changed bullet point value from 1,000,000 to 100,000.
Erase and Programming Performance
Changed values for “Sector Erase Time” and “Chip
Erase Time” parameters. Adjusted notes values from
1,000,000 to 100,000.
Ordering Information
Changed Extended temperature range to -40°C.
Revision C7 (November 3, 2006)
Sector Protection/Unprotection
Corrected reference to programming supplement pub-
lication number and location.
Erase and Program Operations table
Changed tBUSY to a maximum specification.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion Inc. will not be liable
to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 1999–2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trade-
marks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are
for identification purposes only and may be trademarks of their respective companies.
Copyright © 2006 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations thereof are
trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com