Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802CB Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29BL802CB
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802CB Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29BL802CB Datasheet HTML 6Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 7Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 8Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 9Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 10Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 11Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 12Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 13Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
8
Am29BL802C
22371C7 November 3, 2006
D A TA
SH EET
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register it-
self does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state ma-
chine. The state machine outputs dictate the function of
the device. Table 1 lists the device bus operations, the
inputs and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Table 1.
Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Notes:
1. Addresses are A18:A0.
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector
Protection/Unprotection” section.
Operation
CE#
OE# WE#
RESET#
CLK
LBA# BAA#
Addresses
(Note 1)
Data
(DQ0–DQ15)
Read
L
L
H
H
X
X
X
AIN
DOUT
Write
L
H
L
H
X
X
X
AIN
DIN
Standby
VCC ±
0.3 V
XX
VCC
± 0.3 V
XX
X
X
HIGH Z
Output Disable
L
H
H
H
X
X
X
HIGH Z
HIGH Z
Reset
X
X
X
L
X
X
X
X
HIGH Z
Sector Protect (Note 2)
L
H
L
VID
XX
X
Sector Address,
A6 = L, A1 = H,
A0 = L
DIN
Sector Unprotect (Note 2)
L
H
L
VID
XX
X
Sector Address,
A6 = H, A1 = H,
A0 = L
DIN
Temporary Sector Unprotect
X
X
X
VID
XX
X
AIN
HIGH Z
Burst Read Operations
Load Starting Burst Address
L
X
H
H
L
H
AIN
X
Advance burst to Next address (no data
presented on the data bus
LH
H
H
H
L
X
HIGH Z
Advance burst to Next address
(appropriate data presented on the data
bus
LL
H
H
H
L
X
Data Out
DQ0-DQ15
Terminate Current burst Read Cycle
H
X
H
H
X
X
X
HIGH Z
Terminate Current burst Read Cycle;
Start New Burst Read Cycle
LX
H
H
L
H
AIN
X
Burst Suspend: (All data is retained
internally in the device)
LH
H
H
X
H
H
X
HIGH Z
Burst Resume: (Same data as
Burst suspend)
LL
H
H
H
H
X
Data Out
DQ0–DQ15
Burst Resume: (Incremented data from
Burst Suspend)
LL
H
H
H
L
X
Data Out
DQ0–DQ15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com