Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802CB Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM29BL802CB
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802CB Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM29BL802CB Datasheet HTML 28Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 29Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 30Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 31Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 32Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 33Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 34Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 35Page - Advanced Micro Devices AM29BL802CB Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
30
Am29BL802C
22371C7 November 3, 2006
D A TA
SH EET
AC CHARACTERISTICS
Burst Mode Read
Note: Initial valid data will be output after second clock rising edge of LBA# assertion.
Parameter
Description
Speed Options and Temperature Ranges
Unit
JEDEC
Std.
65R
70R
90R
120R
I
E
I, E
I, E
I, E
tIACC
Initial Access Time
LBA# Valid Clock to Output Delay
(See Note)
Max
65
70
90
120
ns
tBACC
Burst Access Time
BAA# Valid Clock to Output Delay
Max
17
18
242626
ns
tLBAS
LBA# Setup Time
Min
6
ns
tLBAH
LBA# Hold Time
Min
2
ns
tBAAS
BAA# Setup Time
Min
6
ns
tBAAH
BAA# Hold Time
Min
2
ns
tBDH
Data Hold Time from Next Clock Cycle
Max
4
ns
tACS
Address Setup Time to CLK
(See Note)
Min
6
ns
tACH
Address Hold Time from CLK
(See Note)
Min
2
ns
tOE
Output Enable to Output Valid
Max
17
18
24
26
26
ns
tOEZ
Output Enable to Output High Z
Max
20
25
30
30
ns
tCEZ
Chip Enable to Output High Z
Min
20
25
30
30
ns
tCES
CE# Setup Time to Clock
Min
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com