Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDS322D Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29PDS322D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDS322D Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29PDS322D Datasheet HTML 12Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 13Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 14Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 15Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 16Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 17Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 18Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 19Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
14
Am29PDS322D
23569A5 December 4, 2006
D A TA
SH EE T
Table 6.
Am29PDS322DB Bottom Boot SecSi Sector Address
.
SA63
111000xxx
32
1C0000h–1C7FFFh
SA64
111001xxx
32
1C8000h–1CFFFFh
SA65
111010xxx
32
1D0000h–1D7FFFh
SA66
111011xxx
32
1D8000h–1DFFFFh
SA67
111100xxx
32
1E0000h–1E7FFFh
SA68
111101xxx
32
1E8000h–1EFFFFh
SA69
111110xxx
32
1F0000h–1F7FFFh
SA70
111111xxx
32
1F8000h–1FFFFFh
Sector Address
A20–A12
Sector Size
(x16)
Address Range
000000xxx
32
00000h-07FFFh
Table 5.
Am29PDS322DB Bottom Boot Sector Addresses (Continued)
Bank
Sector
Sector Address
A20–A12
Sector Size
(Kwords)
(x16)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com