Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDS322D Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM29PDS322D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDS322D Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM29PDS322D Datasheet HTML 43Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 44Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 45Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 46Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 47Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 48Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 49Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 50Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 51Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 51 page
background image
December 4, 2006 23569A5
Am29PDS322D
49
D A TA
SH EET
REVISION SUMMARY
Revision A (December 4, 2000)
Initial release.
Revision A+1 (February 16, 2001)
Ordering Information
Added “U” designator to package marking. Deleted
burn-in option.
Revision A+2 (August 31, 2001)
Autoselect Command Sequence
Modified section to point to appropriate tables for au-
toselect functions.
Revision A+3 (February 18, 2002)
Global
Removed “Advance Information” designation from
data sheet.
Erase Suspend/Erase Resume Commands
Noted in the third paragraph that unlock bypass pro-
gramming is not allowed when the device is erase sus-
pended.
Revision A+4 (August 7, 2002)
Distinctive Characteristics
Removed “Supports Common Flash Memory Interface
(CFI))
Table 10. Am29PDS322D Command Definitions
Changed the Command Cycle Device ID cycle from 6
to 4.
Revision A5 (December 4, 2006)
Global
Removed Advance Information designation from docu-
ment (inadvertently restored in Revision A+4).
AC Characteristics
Erase and Program Operations table: Changed t
BUSY
to a maximum specification.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion Inc. will not be liable
to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2000–2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trade-
marks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are
for identification purposes only and may be trademarks of their respective companies.
Copyright © 2006 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations thereof are
trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com