Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDS322D Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM29PDS322D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDS322D Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM29PDS322D Datasheet HTML 30Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 31Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 32Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 33Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 34Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 35Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 36Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 37Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
32
Am29PDS322D
23569A5 December 4, 2006
D A TA
SH EE T
DC CHARACTERISTICS
CMOS Compatible
Notes:
1. The I
CC current listed is typically less than 2 mA/MHz, with OE# at VIH.
2. Maximum I
CC specifications are tested with VCC = VCCmax.
3. I
CC active while Embedded Erase or Embedded Program is in progress.
4. Automatic sleep mode enables the low power mode when addresses remain stable for 150 ns.
5. Embedded algorithm (program or erase) is in progress (at 8 MHz).
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Load Current
V
IN = VSS to VCC, VCC = VCC max
±1.0
µA
ILIT
A9 Input Load Current
V
CC = VCC max;
A9, OE#, RESET# = 11 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC max
±1.0
µA
I
CC1
V
CC Active Inter-Page Read Current
(Notes 1, 2)
CE# = V
IL, OE# = VIH,
1 MHz
2.5
3
mA
10 MHz
24
28
ICC2
VCC Active Write Current (Notes 2, 3) CE# = VIL, OE# = VIH
15
30
mA
ICC3
VCC Standby Current (Note 2)
CE#, RESET# = VCC ± 0.3 V
0.2
5
µA
I
CC4
V
CC Reset Current (Note 2)
WP#/ACC = VCC ± 0.3 V,
RESET# = VSS ± 0.3 V
0.1
5
µA
I
CC5
VCC Automatic Sleep Mode Current
(Notes 2, 4)
CE# = VSS ± 0.3 V;
RESET# = V
CC ± 0.3 V,
VIN = VCC ± 0.3 V or VSS ± 0.3 V
0.2
5
µA
I
CC6
VCC Active Read-While-Program
Current (Notes 1, 2, 5)
CE# = V
IL, OE# = VIH
30
55
mA
ICC7
VCC Active Read-While-Erase
Current (Notes 1, 2, 5)
CE# = VIL, OE# = VIH
30
55
mA
ICC8
V
CC Active
Program-While-Erase-Suspended
Current (Note 2)
CE# = VIL, OE# = VIH
17
35
mA
ICC9
VCC Active Intra-Page Read Current
CE# = VIL, OE# = VIH
10 MHz
0.5
1
mA
20 MHz
1
2
IACC
WP#/ACC Accelerated Program
Current
VCC = VCCMax, WP#/ACC = VACCMax
12
20
mA
V
IL
Input Low Voltage
–0.5
V
CC x 0.2
V
V
IH
Input High Voltage
0.8 x V
CC
V
CC + 0.3
V
VACC
Voltage for WP#/ACC Sector
Protect/Unprotect and Program
Acceleration
VCC = 1.8–2.2 V
8.5
12.5
V
VID
Voltage for Autoselect and Temporary
Sector Unprotect
VCC = 1.8–2.2 V
9
11
V
V
OL
Output Low Voltage
I
OL = 100 µA, VCC = VCC min
0.1
V
V
OH
Output High Voltage
I
OH = –100 µA
V
CC – 0.1
V
V
LKO
Low V
CC Lock-Out Voltage
1.2
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com