Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDS322D Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29PDS322D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDS322D Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29PDS322D Datasheet HTML 9Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 10Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 11Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 12Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 13Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 14Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 15Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 16Page - Advanced Micro Devices AM29PDS322D Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
December 4, 2006 23569A5
Am29PDS322D
11
D A TA
SH EET
Table 3.
Am29PDS322DT Top Boot Sector Addresses
Bank
Sector
Sector Address
A20–A12
Sector Size
(Kwords)
(x16)
Address Range
SA0
000000xxx
32
000000h–07FFFh
SA1
000001xxx
32
008000h–0FFFFh
SA2
000010xxx
32
010000h–17FFFh
SA3
000011xxx
32
018000h–01FFFFh
SA4
000100xxx
32
020000h–027FFFh
SA5
000101xxx
32
028000h–02FFFFh
SA6
000110xxx
32
030000h–037FFFh
SA7
000111xxx
32
038000h–03FFFFh
SA8
001000xxx
32
040000h–047FFFh
SA9
001001xxx
32
048000h–04FFFFh
SA10
001010xxx
32
050000h–057FFFh
SA11
001011xxx
32
058000h–05FFFFh
SA12
001100xxx
32
060000h–067FFFh
SA13
001101xxx
32
068000h–06FFFFh
SA14
001110xxx
32
070000h–077FFFh
SA15
001111xxx
32
078000h–07FFFFh
SA16
010000xxx
32
080000h–087FFFh
SA17
010001xxx
32
088000h–08FFFFh
SA18
010010xxx
32
090000h–097FFFh
SA19
010011xxx
32
098000h–09FFFFh
SA20
010100xxx
32
0A0000h–0A7FFFh
SA21
010101xxx
32
0A8000h–0AFFFFh
SA22
010110xxx
32
0B0000h–0B7FFFh
SA23
010111xxx
32
0B8000h–0BFFFFh
SA24
011000xxx
32
0C0000h–0C7FFFh
SA25
011001xxx
32
0C8000h–0CFFFFh
SA26
011010xxx
32
0D0000h–0D7FFFh
SA27
011011xxx
32
0D8000h–0DFFFFh
SA28
011100xxx
32
0E0000h–0E7FFFh
SA29
011101xxx
32
0E8000h–0EFFFFh
SA30
011110xxx
32
0F0000h–0F7FFFh
SA31
011111xxx
32
0F8000h–0FFFFFh
SA32
100000xxx
32
100000h–107FFFh
SA33
100001xxx
32
108000h–10FFFFh
SA34
100010xxx
32
110000h–117FFFh
SA35
100011xxx
32
118000h–11FFFFh
SA36
100100xxx
32
120000h–127FFFh
SA37
100101xxx
32
128000h–12FFFFh
SA38
100110xxx
32
130000h–137FFFh
SA39
100111xxx
32
138000h–13FFFFh
SA40
101000xxx
32
140000h–147FFFh
SA41
101001xxx
32
148000h–14FFFFh
SA42
101010xxx
32
150000h–157FFFh
SA43
101011xxx
32
158000h–15FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com