Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV128ML93REF Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29LV128ML93REF
Description  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128ML93REF Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29LV128ML93REF Datasheet HTML 16Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 17Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 18Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 19Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 20Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 21Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 22Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 23Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
20
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector group protection verifica-
tion, through identifier codes output on DQ7–DQ0.
This mode is primarily intended for programming
equipment to automatically match a device to be pro-
grammed with its corresponding programming algo-
rithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires V
ID on address pin A9. Address pins
A6, A3, A2, A1, and A0 must be as shown in Table 3 In
addition, when verifying sector protection, the sector
address must appear on the appropriate highest order
address bits (see Table 2). Table 3 shows the remain-
ing address bits that are don’t care. When all neces-
sary bits have been set as required, the programming
equipment may then read the corresponding identifier
code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 10 and Table 11.
This method does not require V
ID. See “Autoselect
Command Sequence” on page 29 for more informa-
tion.
Table 3.
Autoselect Codes, (High Voltage Method)
Legend: L = Logic Low = V
IL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Description
CE#
OE#
WE#
A22
to
A15
A14
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ8 to DQ15
DQ7 to DQ0
BYTE#
= V
IH
BYTE#
= V
IL
Manufacturer ID: AMD
L
L
H
X
X
VID
X
L
X
L
L
L
00
X
01h
Cycle 1
LL
H
X
X
V
ID
XL
X
LL
H
22
X
7Eh
Cycle 2
H
H
L
22
X
12h
Cycle 3
H
H
H
22
X
00h
Sector Group
Protection Verification
LL
H
SA
X
VID
XL
X
L
H
L
X
X
01h (protected),
00h (unprotected)
Secured Silicon Sector
Indicator Bit (DQ7),
WP# protects highest
address sector
LL
H
X
X
VID
XL
X
L
H
H
X
X
98h (factory locked),
18h (not factory locked)
Secured Silicon Sector
Indicator Bit (DQ7),
WP# protects lowest
address sector
LL
H
X
X
VID
XL
X
L
H
H
X
X
88h (factory locked),
08h (not factory locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com