Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV128ML93REF Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM29LV128ML93REF
Description  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128ML93REF Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM29LV128ML93REF Datasheet HTML 56Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 57Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 59Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 60Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 61Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 62Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 63Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
60
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 3.0 V V
CC. Programming specifications assume that
all bits are programmed to 00h.
2. Maximum values are measured at VCC = 3.0, worst case temperature. Maximum values are valid up to and including 100,000
program/erase cycles.
3. Word programming specification is based upon a single word programming operation not utilizing the write buffer.
4. For 1-16 words or 1-32 bytes programmed in a single write buffer programming operation.
5. Effective write buffer specification is based upon a 16-word/32-byte write buffer operation.
6. The typical chip programming time is considerably less than the maximum chip programming time listed, since most words
program faster than the maximum program times listed.
7. In the pre-programming step of the Embedded Erase algorithm, all bits are programmed to 00h before erasure.
8. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See
Table 11 for further information on command definitions.
9. The device has a minimum erase and program cycle endurance of 100,000 cycles.
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
0.5
3.5
sec
Excludes 00h programming
prior to erasure (Note 6)
Chip Erase Time
128
256
sec
Single Word Program Time (Note 3)60
600
µs
Excludes system level
overhead (Note 8)
Accelerated Single Word Program Time
(Note 3)
54
540
µs
Total Write Buffer Program Time (Note 4)
240
1200
µs
Effective Write Buffer Program
Time (Note 5)
Per Byte
7.5
38
µs
Per Word
15
75
µs
Total Accelerated Write Buffer Program Time
(Note 4)
200
1040
µs
Effective Accelerated Write
Buffer Program Time
(Note 5)
Per Byte
6.25
33
µs
Per Word
12.5
65
µs
Chip Program Time
126
292
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com