Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV128ML93REF Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM29LV128ML93REF
Description  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128ML93REF Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM29LV128ML93REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 59Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 60Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 61Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 62Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 63Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 64Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 65Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 66Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
62
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
PHYSICAL DIMENSIONS
TS056/TSR056—56-Pin Standard/Reverse Thin Small Outline Package (TSOP)
NOTES:
1
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (mm).
(DIMENSIONING AND TOLERANCING CONFORMS TO ANSI Y14.5M-1982.)
2
PIN 1 IDENTIFIER FOR STANDARD PIN OUT (DIE UP).
3
PIN 1 IDENTIFIER FOR REVERSE PIN OUT (DIE DOWN), INK OR LASER MARK.
4
TO BE DETERMINED AT THE SEATING PLANE -C- . THE SEATING PLANE IS
DEFINED AS THE PLANE OF CONTACT THAT IS MADE WHEN THE PACKAGE
LEADS ARE ALLOWED TO REST FREELY ON A FLAT HORIZONTAL SURFACE.
5
DIMENSIONS D1 AND E DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE
MOLD PROTUSION IS 0.15 mm PER SIDE.
6
DIMENSION b DOES NOT INCLUDE DAMBAR PROTUSION. ALLOWABLE
DAMBAR PROTUSION SHALL BE 0.08 mm TOTAL IN EXCESS OF b
DIMENSION AT MAX MATERIAL CONDITION. MINIMUM SPACE BETWEEN
PROTRUSION AND AN ADJACENT LEAD TO BE 0.07 mm.
7
THESE DIMESIONS APPLY TO THE FLAT SECTION OF THE LEAD BETWEEN
0.10 mm AND 0.25 mm FROM THE LEAD TIP.
8.
LEAD COPLANARITY SHALL BE WITHIN 0.10 mm AS MEASURED FROM THE
SEATING PLANE.
9
DIMENSION "e" IS MEASURED AT THE CENTERLINE OF THE LEADS.
3160\38.10A
MO-142 (B) EC
TS/TSR 56
NOM.
---
---
1.00
1.20
0.15
1.05
MAX.
---
MIN.
0.95
0.20
0.23
0.17
0.22
0.27
0.17
---
0.16
0.10
---
0.21
0.10
20.00
20.20
19.90
14.00
14.10
13.90
0.60
0.70
0.50
3˚
5˚
0˚
---
0.20
0.08
56
18.40
18.50
18.30
0.05
0.50 BASIC
E
R
b1
JEDEC
PACKAGE
SYMBOL
A
A2
A1
D1
D
c1
c
b
e
L
N
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com