Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV128ML93REF Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM29LV128ML93REF
Description  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128ML93REF Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM29LV128ML93REF Datasheet HTML 20Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 21Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 22Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 23Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 24Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 25Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 26Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 27Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
24
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
Secured Silicon Sector Flash
Memory Region
The Secured Silicon Sector feature provides a Flash
memory region that enables permanent part identifica-
tion through an Electronic Serial Number (ESN). The
Secured Silicon Sector is 256 bytes in length, and
uses a Secured Silicon Sector Indicator Bit (DQ7) to
indicate whether or not the Secured Silicon Sector is
locked when shipped from the factory. This bit is per-
manently set at the factory and cannot be changed,
which prevents cloning of a factory locked part. This
ensures the security of the ESN once the product is
shipped to the field.
AMD offers the device with the Secured Silicon Sector
either customer lockable (standard shipping option) or
factory locked (contact an AMD sales representative
for ordering information). The customer-lockable ver-
sion is shipped with the Secured Silicon Sector unpro-
tected, allowing customers to program the sector after
receiving the device. The customer-lockable version
also has the Secured Silicon Sector Indicator Bit per-
manently set to a “0.” The factory-locked version is al-
ways protected when shipped from the factory, and
has the Secured Silicon Sector Indicator Bit perma-
nently set to a “1.” Thus, the Secured Silicon Sector In-
dicator Bit prevents customer-lockable devices from
being used to replace devices that are factory locked.
Note that the ACC function and unlock bypass modes
are not available when the Secured Silicon Sector is
enabled.
The Secured Silicon sector address space in this de-
vice is allocated as follows:
The system accesses the Secured Silicon Sector
through a command sequence (see “Enter Secured
Sil i con Sector/Exit Secured Si licon Sector
Command Sequence” on page 30). After the system
has written the Enter Secured Silicon Sector com-
mand sequence, it may read the Secured Silicon Sec-
tor by using the addresses normally occupied by the
first sector (SA0). This mode of operation continues
until the system issues the Exit Secured Silicon Sector
command sequence, or until power is removed from
the device. On power-up, or following a hardware re-
set, the device reverts to sending commands to sector
SA0.
Customer Lockable: Secured Silicon Sector NOT
Programmed or Protected At the Factory
Unless otherwise specified, the device is shipped such
that the customer may program and protect the
256-byte Secured Silicon sector.
Programming and protecting the Secured Silicon Sec-
tor must be used with caution since, once protected,
there is no procedure available for unprotecting the
Secured Silicon Sector area and none of the bits in the
Secured Silicon Sector memory space can be modi-
fied in any way.
The Secured Silicon Sector area can be protected
using one of the following procedures:
Write the three-cycle Enter Secured Silicon Sector
Region command sequence, and then follow the
in-system sector protect algorithm as shown in
Figure 2, except that RESET# may be at either V
IH
or V
ID. This allows in-system protection of the Se-
cured Silicon Sector without raising any device pin
to a high voltage. Note that this method is only ap-
plicable to the Secured Silicon Sector.
To verify the protect/unprotect status of the Secured
Silicon Sector, follow the algorithm shown in
Figure 3.
Once the Secured Silicon Sector is programmed,
locked and verified, the system must write the Exit Se-
cured Silicon Sector Region command sequence to
return to reading and writing within the remainder of
the array.
Factory Locked: Secured Silicon Sector
Programmed and Protected At the Factory
In devices with an ESN, the Secured Silicon Sector is
protected when the device is shipped from the factory.
The Secured Silicon Sector cannot be modified in any
way. An ESN Factory Locked device has an 16-byte
random ESN at addresses 000000h–000007h. Please
contact your local AMD sales representative for details
on ordering ESN Factory Locked devices.
Customers may opt to have their code programmed by
AMD through the AMD ExpressFlash service (Express
Flash Factory Locked). The devices are then shipped
from AMD’s factory with the Secured Silicon Sector
permanently locked. Contact an AMD representative
for details on using AMD’s ExpressFlash service.
Table 5.
Secured Silicon Sector Contents
Secured Silicon
Sector Address
Range
Customer
Lockable
ESN Factory
Locked
ExpressFlash
Factory Locked
000000h–000007h
Determined by
customer
ESN
ESN or
determined by
customer
000008h–00007Fh
Unavailable
Determined by
customer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com