Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F800BT55VC Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # F800BT55VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

F800BT55VC Datasheet(HTML) 3 Page - Advanced Micro Devices

  F800BT55VC Datasheet HTML 1Page - Advanced Micro Devices F800BT55VC Datasheet HTML 2Page - Advanced Micro Devices F800BT55VC Datasheet HTML 3Page - Advanced Micro Devices F800BT55VC Datasheet HTML 4Page - Advanced Micro Devices F800BT55VC Datasheet HTML 5Page - Advanced Micro Devices F800BT55VC Datasheet HTML 6Page - Advanced Micro Devices F800BT55VC Datasheet HTML 7Page - Advanced Micro Devices F800BT55VC Datasheet HTML 8Page - Advanced Micro Devices F800BT55VC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
DATA SHEET
This Data Sheet states AMD’s current technical specifications regarding the Product described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21504
Rev: E Amendment: 5
Issue Date: November 2, 2006
Am29F800B
8 Megabit (1 M x 8-Bit/512 K x 16-Bit)
CMOS 5.0 Volt-only, Boot Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
■ Single power supply operation
— 5.0 Volt-only operation for read, erase, and
program operations
— Minimizes system level requirements
■ Manufactured on 0.32 µm process technology
— Compatible with 0.5 µm Am29F800 device
■ High performance
— Access times as fast as 55 ns
■ Low power consumption (typical values at
5 MHz)
— 1 µA standby mode current
— 20 mA read current (byte mode)
— 28 mA read current (word mode)
— 30 mA program/erase current
■ Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
fifteen 64 Kbyte sectors (byte mode)
— One 8 Kword, two 4 Kword, one 16 Kword, and
fifteen 32 Kword sectors (word mode)
— Supports full chip erase
— Sector Protection features:
A hardware method of locking a sector to
prevent any program or erase operations within
that sector
— Sectors can be locked via programming
equipment
Temporary Sector Unprotect feature allows code
changes in previously locked sectors
■ Top or bottom boot block configurations
available
■ Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
■ Minimum 1,000,000 program/erase cycles per
sector guaranteed
■ 20-year data retention at 125°C
— Reliable operation for the life of the system
■ Package option
— 48-pin TSOP
— 44-pin SO
— 48-ball FBGA
— Known Good Die (KGD)
(see publication number 21631)
■ Compatibility with JEDEC standards
— Pinout and software compatible with single-
power-supply Flash
— Superior inadvertent write protection
■ Data# Polling and toggle bits
— Provides a software method of detecting
program or erase operation completion
■ Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting
program or erase cycle completion
■ Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
■ Hardware reset pin (RESET#)
— Hardware method to reset the device to reading
array data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com