Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F800BT55VC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # F800BT55VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

F800BT55VC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button F800BT55VC Datasheet HTML 6Page - Advanced Micro Devices F800BT55VC Datasheet HTML 7Page - Advanced Micro Devices F800BT55VC Datasheet HTML 8Page - Advanced Micro Devices F800BT55VC Datasheet HTML 9Page - Advanced Micro Devices F800BT55VC Datasheet HTML 10Page - Advanced Micro Devices F800BT55VC Datasheet HTML 11Page - Advanced Micro Devices F800BT55VC Datasheet HTML 12Page - Advanced Micro Devices F800BT55VC Datasheet HTML 13Page - Advanced Micro Devices F800BT55VC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
8
Am29F800B
21504E5 November 2, 2006
D A TA SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29F800B
T
-70
E
C
TEMPERATURE RANGE
C
=
Commercial (0°C to +70°C)
D
=
Commercial (0°C to +70°C) with Pb-Free Package
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-Free Package
E
=
Extended (–55
°C to +125°C)
K
=
Extended (–55
°C to +125°C) with Pb-Free Package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 048)
S
=
44-Pin Small Outline Package (SO 044)
WB
=
48-Ball Fine Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 9 mm package (FBB048)
This device is also available in Known Good Die (KGD) form. See publication number
21536 for more information.
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29F800B
8 Megabit (1 M x 8-Bit/512K x 16-Bit) CMOS Flash Memory
5.0 Volt-only Read, Program and Erase
Valid Combinations
AM29F800BT-55,
AM29F800BB-55
EC, EI, EE, ED, EF, EK
SC, SI, SE, SD, SF, SK
AM29F800BT-70,
AM29F800BB-70
AM29F800BT-90,
AM29F800BB-90
AM29F800BT-120,
AM29F800BB-120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29F800BT-55,
AM29F800BB-55
WBC,
WBI,
WBE,
WBD,
WBF,
WBK
F800BT55V,
F800BB55V
C, I, E,
D, F, K
AM29F800BT-70,
AM29F800BB-70
F800BT70V,
F800BB70V
AM29F800BT-90,
AM29F800BB-90
F800BT90V,
F800BB90V
AM29F800BT-120,
AM29F800BB-120
F800BT12V,
F800BB12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com