Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F800BT55VC Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # F800BT55VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

F800BT55VC Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button F800BT55VC Datasheet HTML 35Page - Advanced Micro Devices F800BT55VC Datasheet HTML 36Page - Advanced Micro Devices F800BT55VC Datasheet HTML 37Page - Advanced Micro Devices F800BT55VC Datasheet HTML 38Page - Advanced Micro Devices F800BT55VC Datasheet HTML 39Page - Advanced Micro Devices F800BT55VC Datasheet HTML 40Page - Advanced Micro Devices F800BT55VC Datasheet HTML 41Page - Advanced Micro Devices F800BT55VC Datasheet HTML 42Page - Advanced Micro Devices F800BT55VC Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
November 2, 2006 21504E5
Am29F800B
37
D A TA SH EE T
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 5.0 V V
CC, 1,000,000 cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90°C, VCC = 4.5 V, 1,000,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes
program faster than the maximum program times listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the four-bus-cycle sequence for the program command. See Table 5
for further information on command definitions.
6. The device has a guaranteed minimum erase and program cycle endurance of 1,000,000 cycles.
LATCHUP CHARACTERISTICS
Includes all pins except VCC. Test conditions: VCC = 5.0 V, one pin at a time.
TSOP AND SO PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
DATA RETENTION
Parameter
Typ (Note 1)
Max (Note 3)
Unit
Comments
Sector Erase Time
1.0
8
s
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time (Note 2)
19
s
Byte Programming Time
7
300
µs
Excludes system level
overhead (Note 5)
Word Programming Time
12
500
µs
Chip Programming Time
(Note 2)
Byte Mode
7.2
21.6
s
Word Mode
6.3
18.6
s
Description
Min
Max
Input voltage with respect to VSS on all pins except I/O pins
(including A9, OE#, and RESET#)
–1.0 V
12.5 V
Input voltage with respect to VSS on all I/O pins
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA
Parameter
Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C
10
Years
125
°C
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com