Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F800BT55VC Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # F800BT55VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

F800BT55VC Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button F800BT55VC Datasheet HTML 11Page - Advanced Micro Devices F800BT55VC Datasheet HTML 12Page - Advanced Micro Devices F800BT55VC Datasheet HTML 13Page - Advanced Micro Devices F800BT55VC Datasheet HTML 14Page - Advanced Micro Devices F800BT55VC Datasheet HTML 15Page - Advanced Micro Devices F800BT55VC Datasheet HTML 16Page - Advanced Micro Devices F800BT55VC Datasheet HTML 17Page - Advanced Micro Devices F800BT55VC Datasheet HTML 18Page - Advanced Micro Devices F800BT55VC Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
November 2, 2006 21504E5
Am29F800B
13
D A TA SH EE T
Table 4.
Am29F800B Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The
hardware sector unprotection feature re-enables both
program and erase operations in previously pro-
tected sectors.
Sector protection/unprotection must be implemented
using programming equipment. The procedure re-
quires a high voltage (VID) on address pin A9 and the
control pins. Details on this method are provided in a
supplement, publication number 20374. Contact an
AMD representative to obtain a copy of the appropriate
document.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is protected
or unprotected. See “Autoselect Mode” for details.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system.
The Sector Unprotect mode is activated by setting the
RESET# pin to VID. During this mode, formerly pro-
tected sectors can be programmed or erased by se-
lecting the sector addresses. Once VID is removed
from the RESET# pin, all the previously protected
sectors are protected again. Figure 1 shows the algo-
rithm, and the Temporary Sector Unprotect diagram
shows the timing waveforms, for this feature.
Figure 1.
Temporary Sector Unprotect Operation
Description
Mode
CE#
OE#
WE#
A18
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
X
L
X
L
L
X
01h
Device ID:
Am29F800B
(Top Boot Block)
Word
L
L
H
X
X
VID
X
L
X
L
H
22h
D6h
Byte
L
L
H
X
D6h
Device ID:
Am29F800B
(Bottom Boot Block)
Word
L
L
H
X
X
VID
X
L
X
L
H
22h
58h
Byte
L
L
H
X
58h
Sector Protection Verification
L
L
H
SA
X
VID
X
L
X
H
L
X
01h
(protected)
X
00h
(unprotected)
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect
Completed (Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sectors unprotected.
2. All previously protected sectors are protected once
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com