Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL128G90PEE Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM29PDL128G90PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G90PEE Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM29PDL128G90PEE Datasheet HTML 27Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 28Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 29Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 30Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 31Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 32Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 33Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 34Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
30
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
pass functions are not available when programming
the SecSi Sector.
The SecSi Sector area can be protected using one of
the following procedures:
Write the three-cycle Enter SecSi Sector Region
command sequence, and then follow the in-system
sector protect algorithm as shown in Figure 1, ex-
cept that
RESET# may be at either VIH or VID. This
allows in-system protection of the SecSi Sector Re-
gion without raising any device pin to a high voltage.
Note: This method is only applicable to the SecSi
Sector.
To verify the protect/unprotect status of the SecSi
Sector, follow the algorithm shown in Figure 3.
Once the SecSi Sector is locked and verified, the sys-
tem must write the Exit SecSi Sector Region com-
mand sequence to return to reading and writing the
remainder of the array.
The SecSi Sector lock must be used with caution
since, once locked, there is no procedure available for
unlocking the SecSi Sector area and none of the bits
in the SecSi Sector memory space can be modified in
any way.
SecSi Sector Protection Bit
The SecSi Sector Protection Bit prevents program-
ming of the SecSi Sector memory area. Once set, the
SecSi Sector memory area contents are non-modifi-
able.
Utilizing Password and SecSi Sector Concurrently
The password must be stored in the first eight bytes of
the SecSi Sector. Once the device is permanently
locked into the Password Protection Mode, the erase,
program, and read operation no longer work on those
eight bytes of password in the SecSi Sector. Once the
SecSi Sector protection bit is programmed, no location
in the SecSi Sector may be programmed. To use both
Password Protection and the SecSi Sector concur-
rently, the user must always program the password
into the first eight bytes of the SecSi Sector
before ei-
ther the Password Protection Mode is selected or the
SecSi Sector protection bit is programmed.
Method 1
1. Enter the SecSi Sector by issuing the SecSi Sector
Entry command.
2. Program the 64-bit password by issuing the Pass-
word Program and Password Verify commands
3. Lock the password by issuing the Password Protec-
tion Mode Locking Bit Program command.
4. Program the SecSi Sector, excluding bytes 0–7.
5. Lock the SecSi Sector by issuing the SecSi Sector
Protection Bit Program command.
6. Exit the SecSi Sector by issuing the SecSi Sector
Exit or Reset command
Note: Step 4 may be performed prior to Step 2.
Method 2
1. Enter the SecSi Sector by issuing the SecSi Sector
Entry command.
2. Program the entire SecSi Sector, including the first
eight bytes contain the 64-bit password.
3. Lock the password by issuing the Password Protec-
tion Mode Locking Bit Program command.
4. Lock the SecSi Sector by issuing the SecSi Sector
Protection Bit Program command.
5. Exit the SecSi Sector by issuing the SecSi Sector
Exit or Reset command
Note: Step 4 may be performed prior to Step 3.
Figure 3.
SecSi Sector Protect Verify
Hardware Data Protection
The command sequence requirement of unlock cycles
for programming or erasing provides data protection
against inadvertent writes. In addition, the following
hardware data protection measures prevent accidental
erasure or programming, which might otherwise be
caused by spurious system level signals during V
CC
power-up and power-down transitions, or from system
noise.
Write 60h to
any address
Write 40h to SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
START
RESET# =
VIH or VID
Wait 1
µs
Read from SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
If data = 00h,
SecSi Sector is
unprotected.
If data = 01h,
SecSi Sector is
protected.
Remove VIH or VID
from RESET#
Write reset
command
SecSi Sector
Protect Verify
complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com