Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL128G90PEE Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29PDL128G90PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G90PEE Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29PDL128G90PEE Datasheet HTML 3Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 4Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 5Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 6Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 7Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 8Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 9Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 10Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
6
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
PRODUCT SELECTOR GUIDE
Note: See “AC Characteristics” on page 53 for full specifications.
BLOCK DIAGRAM
Notes:
1.
In double word mode, input/outputs are DQ31-DQ0, address range is A21-A0. In word mode, input/outputs are DQ15-DQ0, address range is
A21-A-1.
2.
RY/BY# is an open drain output.
Part Number
Am29PDL128G
Speed Option
Voltage Range: VCC = 3.0–3.6 V
70R
Voltage Range: VCC = 2.7–3.6 V
70
80
90
Max Access Time, ns (t
ACC)70
80
90
Max CE# Access, ns (t
CE)70
80
90
Max Page Access, ns (t
PACC)25
30
35
Max OE# Access, ns (t
OE)25
30
40
VCC
VSS
State
Control
Command
Register
PGM Voltage
Generator
VCC Detector
Timer
Erase Voltage
Generator
Input/Output
Buffers
Sector
Switches
Chip Enable
Output Enable
Logic
Y-Gating
Cell Matrix
Y-Decoder
X-Decoder
Data Latch
RESET#
RY/BY# (Note 2)
STB
STB
A21–A2
A1–A0
(A-1)
A3, A4
CE#
OE#
WE#
DQ31–DQ0
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com