Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL128G90PEE Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29PDL128G90PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G90PEE Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29PDL128G90PEE Datasheet HTML 8Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 9Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 10Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 11Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 12Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 13Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 14Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 15Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
October 28, 2004
Am29PDL128G
11
P R E L IM IN A R Y
DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. Table 1 lists the device bus operations, the in-
puts and control levels required, and the resulting out-
put. The following subsections describe each of these
operations in further detail.
Table 1.
Am29PDL128G Device Bus Operations
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = Sector Address,
A
IN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A21–A0 in double word mode (WORD# = V
IH), A21–A-1 in word mode (WORD# = VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See “Sector Protection”
on page 24.
Word/Double Word Configuration
The WORD# pin controls whether the device data I/O
pins operate in the word or double word configuration.
If the WORD# pin is set at V
IH, the device is in double
word configuration, DQ31–DQ0 are active and con-
trolled by CE# and OE#.
If the WORD# pin is set at V
IL, the device is in word
configuration, and only data I/O pins DQ15–DQ0 are
active and controlled by CE# and OE#. The data I/O
pins DQ30–DQ16 are tri-stated, and the DQ31 pin is
used as an input for the least significant address bit
(LSB) function, which is named A-1.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to V
IL. CE# is the power
control and selects the device. OE# is the output con-
trol and gates array data to the output pins. WE#
should remain at V
IH. The WORD# pin deter mines
whether the device outputs array data in words or dou-
ble words.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No com-
mand is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid
data on the device data outputs. Each bank remains
enabled for read access until the command register
contents are altered.
Refer to the AC Read-Only Operations table on
page 53 for timing specifications and to Table 12 for
the timing diagram. I
CC1 in the DC Characteristics table
represents the active current specification for reading
array data.
Random Read (Non-Page Read)
Address access time (t
ACC) is equal to the delay from
stable addresses to valid output data. The chip enable
access time (t
CE) is the delay from the stable ad-
dresses and stable CE# to valid data at the output in-
puts. The output enable access time is the delay from
the falling edge of the OE# to valid data at the output
Operation
CE#
OE#
WE#
RESET#
WP#
Addresses
(Note 1)
DQ31–DQ16
DQ15–
DQ0
WORD#
= V
IH
WORD#
= V
IL
Read
L
L
H
H
X
AIN
DOUT
DQ30–DQ16 =
High-Z, DQ31 = A-1
DOUT
Write
L
H
L
H
X
A
IN
D
IN
D
IN
Standby
VCC ±
0.3 V
XX
VCC ±
0.3 V
X
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
X
High-Z
High-Z
High-Z
Temporary Sector
Unprotect (High Voltage)
XX
X
VID
XAIN
DIN
XDIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com