Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL128G90PEE Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29PDL128G90PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G90PEE Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29PDL128G90PEE Datasheet HTML 7Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 8Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 9Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 10Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 11Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 12Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 13Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 14Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
10
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Am29PDL128G
70
PE
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
F
=
Industrial (–40
°C to +85°C) for Pb-free Package
K
=
Extended (-55C to +125C) for Pb-free Package
PACKAGE TYPE
PE
=
80-Ball Fortified Ball Grid Array (
fBGA)
1 mm pitch, 15 x 10 mm package (LAB080)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29PDL128G
128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for BGA Packages
Order Number
Package Marking
Am29PDL128G70R
PEF
PEI
PD128G70R
I,F
Am29PDL128G70
PD128G70V
Am29PDL128G80
PEI,
PEE,
PEF,
PEK
PD128G80V
I, E
F, K
Am29PDL128G90
PD128G90V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com