Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643G Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29BDS643G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643G Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29BDS643G Datasheet HTML 1Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 2Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 3Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 4Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 5Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 6Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 7Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 8Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
DATA SHEET
Publication# 25692 Revision: A Amendment: 2
Issue Date: May 8, 2006
Am29BDS643G
64 Megabit (4 M x 16-Bit)
CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
DISTINCTIVE CHARACTERISTICS
■ Single 1.8 volt read, program and erase (1.7 to
1.9 volt)
■ Multiplexed Data and Address for reduced I/O
count
— A0–A15 multiplexed as D0–D15
— Addresses are latched by AVD# control input
when CE# low
■ Simultaneous Read/Write operation
— Data can be continuously read from one bank
while executing erase/program functions in other
bank
— Zero latency between read and write operations
■ Read access times at 66/54/40 MHz
— Burst access times of 11/13.5/20 ns @ 30 pF
at industrial temperature range
— Asynchronous random access times
of 55/70/70 ns @ 30 pF
— Synchronous random access times
of 71/87.5/95 ns @ 30 pF
■ Burst length
— Continuous linear burst
— 8/16/32 word linear burst with wrap around
■ Power dissipation (typical values, 8 bits
switching, CL = 30 pF)
— Burst Mode Read: 25 mA
— Simultaneous Operation: 40 mA
— Program/Erase: 15 mA
— Standby mode: 0.2 µA
■ Sector Architecture
— Eight 8 Kword sectors and one hundred
twenty-six 32 Kword sectors
— Banks A and B each contain four 8 Kword
sectors and thirty-one 32 Kword sectors; Banks
C and D each contain thirty-two 32 Kword
sectors
■ Sector Protection
— Software command sector locking
— WP# protects the last two boot sectors
— All sectors locked when VPP = VIL
■ Handshaking feature
— Provides host system with minimum possible
latency by monitoring RDY
■ Supports Common Flash Memory
Interface (CFI)
■ Software command set compatible with JEDEC
42.4 standards
— Backwards compatible with Am29F and Am29LV
families
■ Manufactured on 0.17 µm process technology
■ Minimum 1 million erase cycle guarantee
per sector
■ 20-year data retention at 125°C
— Reliable operation for the life of the system
■ Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
■ Data# Polling and toggle bits
— Provides a software method of detecting
program and erase operation completion
■ Erase Suspend/Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
■ Hardware reset input (RESET#)
— Hardware method to reset the device for reading
array data
■ CMOS compatible inputs and outputs
■ Package
— 44-ball Very Thin FBGA
This product has been retired and is not recommended for designs. For new designs, S29NS064J supersedes Am29BDS643G. Please refer to the S29NS-J family data sheet for specifi-
cations and ordering information. Availability of this document is retained for reference and historical purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com