Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643G Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29BDS643G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643G Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29BDS643G Datasheet HTML 7Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 8Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 9Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 10Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 11Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 12Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 13Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 14Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
May 8, 2006 25692A2
Am29BDS643G
9
D A TA
SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register it-
self does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state ma-
chine. The state machine outputs dictate the function of
the device. Table 1 lists the device bus operations, the
inputs and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Table 1.
Device Bus Operations
Legend: L = Logic 0, H = Logic 1, X = Don’t Care.
Requirements for Asynchronous
Read Operation (Non-Burst)
To read data from the memory array, the system must
asser t a valid address on A/DQ0–A/DQ15 and
A16–A21, while AVD# and CE# are at VIL. WE#
should remain at VIH. Note that CLK must not be
switching during asynchronous read operations. The
rising edge of AVD# latches the address, after which
the system can drive OE# to VIL. The data will appear
on A/DQ0–A/DQ15. (See Figure 11.) Since the mem-
ory array is divided into four banks, each bank remains
enabled for read access until the command register
contents are altered.
Address access time (tACC) is equal to the delay from
stable addresses to valid output data. The chip enable
access time (tCE) is the delay from the stable
addresses and stable CE# to valid data at the outputs.
The output enable access time (tOE) is the delay from
the falling edge of OE# to valid data at the output.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition.
Requirements for Synchronous (Burst)
Read Operation
The device is capable of four different burst read modes
(see Table 8): continuous burst read; and 8-, 16-, and
32-word linear burst reads with wrap around capability.
Continuous Burst
When the device first powers up, it is enabled for asyn-
chronous read operation. The device will automatically
be enabled for burst mode on the first rising edge on
the CLK input, while AVD# is held low for one clock
cycle. Prior to activating the clock signal, the system
should determine how many wait states are desired for
the initial word (tIACC) of each burst session. The
system would then write the Set Configuration Register
command sequence. The system may optionally acti-
vate the PS mode (see “Power Saving Function”) by
writing the Enable PS Mode command sequence at
this time, but note that the PS mode can only be dis-
abled by a hardware reset. (See “Command Defini-
Operation
CE#
OE#
WE#
A16–21 A/DQ0–15 RESET#
CLK
AVD#
Asynchronous Read
L
L
H
Addr In
I/O
H
H/L
Write
L
H
L
Addr In
I/O
H
H/L
Standby (CE#)
H
X
X
X
HIGH Z
H
H/L
X
Hardware Reset
X
X
X
X
HIGH Z
L
X
X
Burst Read Operations
Load Starting Burst Address
L
H
H
Addr In
Addr In
H
Advance Burst to next address with appropriate
Data presented on the Data Bus
LL
H
X
Burst
Data Out
HH
Terminate current Burst read cycle
H
X
H
X
HIGH Z
H
X
Terminate current Burst read cycle via RESET#
X
X
H
X
HIGH Z
L
X
X
Terminate current Burst read cycle and start
new Burst read cycle
L
H
H
X
I/O
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com