Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643G Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29BDS643G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643G Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29BDS643G Datasheet HTML 5Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 6Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 7Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 8Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 9Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 10Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 11Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 12Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
May 8, 2006 25692A2
Am29BDS643G
7
D A TA
SH EE T
INPUT/OUTPUT DESCRIPTIONS
A16–A21
=
Address Inputs
A/DQ0–
=
Multiplexed Address/Data input/output
A/DQ15
CE#
=
Chip Enable Input. Asynchronous
relative to CLK for the Burst mode.
OE#
=
Output Enable Input. Asynchronous
relative to CLK for the Burst mode.
WE#
=
Write Enable Input.
VCC
=
Device Power Supply (1.7 V–1.9 V).
VSS
=Ground
NC
=
No Connect; not connected internally
RDY
=
Ready output; indicates the status of
the Burst read. Low = data not valid at
expected time. High = data valid.
CLK
=
The first rising edge of CLK in
conjunction with AVD# low latches
address input and activates burst
mode operation. After the initial word
is output, subsequent rising edges of
CLK increment the internal address
counter. CLK should remain low
during asynchronous access.
AVD#
=
Address Valid input. Indicates to
device that the valid address is
present on the address inputs
(address bits A0–A15 are multiplexed,
address bits A16–A21 are address
only).
Low = for asynchronous mode,
indicates valid address; for burst
mode, causes starting address to be
latched on rising edge of CLK.
High = device ignores address inputs
PS
=
Power Saving input/output
During a read operation, PS indicates
whether or not the data on the outputs
are inverted. Low = data not inverted;
High = data inverted
During write or command operations,
if the PS input is taken high the input
data will be inverted internally; if the
PS input is low the input data will not
be inverted internally
RESET#
=
Hardware reset input. Low = device
resets and returns to reading array
data
WP#
=
Hardware write protect input. Low =
disables writes to SA132 and SA133
VPP
=
At 12 V, accelerates programming;
automatically places device in unlock
bypass mode. At VIL, disables
program and erase functions. Should
be at VIH for all other conditions.
LOGIC SYMBOL
6
16
A/DQ0–
A/DQ15
A16–A21
CE#
OE#
WE#
RESET#
CLK
RDY
PS
AVD#
WP#
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com