Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643G Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29BDS643G
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643G Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29BDS643G Datasheet HTML 35Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 36Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 37Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 38Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 39Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 40Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 41Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 42Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
May 8, 2006 25692A2
Am29BDS643G
37
D A TA
SH EE T
AC CHARACTERISTICS
Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
3. Does not include the preprogramming time.
Parameter
Description
7G/7M
5K
Unit
JEDEC
Standard
tAVAV
tWC
Write Cycle Time (Note 1)
Min
80
45
ns
tAVWL
tAS
Address Setup Time
Min
5
4
ns
tWLAX
tAH
Address Hold Time
Min
7
6
ns
tAVDP
AVD# Low Time
Min
12
11
ns
tDVWH
tDS
Data Setup Time
Min
45
25
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tGHWL
tGHWL
Read Recovery Time Before Write
Typ
0
ns
tELWL
tCS
CE# Setup Time
Typ
0
ns
tWHEH
tCH
CE# Hold Time
Typ
0
ns
tWLWH
tWP/tWRL
Write Pulse Width
Typ
50
25
ns
tWHWL
tWPH
Write Pulse Width High
Typ
30
20
ns
tSR/W
Latency Between Read and Write Operations
Min
0
ns
tWHWH1
tWHWH1
Programming Operation (Note 2)
Typ
11.5
µs
tWHWH1
tWHWH1
Accelerated Programming Operation (Note 2)
Typ
4
µs
tWHWH2
tWHWH2
Sector Erase Operation (Notes 2, 3)
Typ
0.4
sec
tVPP
VPP Rise and Fall Time
Min
500
ns
tVPS
VPP Setup Time (During Accelerated Programming)
Min
1
µs
tVCS
VCC Setup Time
Min
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com