Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GB28DPBI Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM29BDD160GB28DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GB28DPBI Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM29BDD160GB28DPBI Datasheet HTML 28Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 29Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 30Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 31Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 32Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 33Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 34Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 35Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
30
Am29BDD160G
June 7, 2006
Notes:
1. This sector has the additional WP# pin sector protection feature.
2. The bank address is determined by A18 and A17. BA = 00, 01, or 10 for Bank 1 and BA = 11 for Bank 2.
3. SecSi Sector overlays this sector when enabled.
Table 13.
Sector Addresses for Bottom Boot Sector Devices
Sector
Sector Group
x16
Address Range
(A18:A-1)
x32
Address Range
(A18:A0)
Sector Size
(Kwords)
Bank 1
(Note 2)
SA0 (Note 1)
SG0
00000h-00FFFh
00000h-007FFh
4
SA1 (Note 1)
SG1
01000h-01FFFh
00800h-00FFFh
4
SA2
SG2
02000h-02FFFh
01000h-017FFh
4
SA3SG3
03000h-03FFFh
01800h-01FFFh
4
SA4
SG4
04000h-04FFFh
02000h-027FFh
4
SA5
SG5
05000h-05FFFh
02800h-02FFFh
4
SA6
SG6
06000h-06FFFh
03000h-037FFh
4
SA7
SG7
07000h-07FFFh
03800h-03FFFh
4
SA8
SG8
08000h-0FFFFh
04000h-07FFFh
32
SA9
10000h-17FFFh
08000h-0BFFFh
32
SA10
18000h-1FFFFh
0C000h-0FFFFh
32
SA11
SG9
20000h-27FFFh
10000h-13FFFh
32
SA12
28000h-2FFFFh
14000h-17FFFh
32
SA1330000h-37FFFh
18000h-1BFFFh
32
SA14
38000h-3FFFFh
1C000h-1FFFFh
32
SA15
SG10
40000h-47FFFh
20000h-23FFFh
32
SA16
48000h-4FFFFh
24000h-27FFFh
32
SA17
50000h-57FFFh
28000h-2BFFFh
32
SA18
58000h-5FFFFh
2C000h-2FFFFh
32
SA19
SG11
60000h-67FFFh
30000h-33FFFh
32
SA20
68000h-6FFFFh
34000h-37FFFh
32
SA21
70000h-77FFFh
38000h-3BFFFh
32
SA22
78000h-7FFFFh
3C000h-3FFFFh
32
SA23
SG12
80000h-87FFFh
40000h-43FFFh
32
SA24
88000h-8FFFFh
44000h-47FFFh
32
SA25
90000h-97FFFh
48000h-4BFFFh
32
SA26
98000h-9FFFFh
4C000h-4FFFFh
32
SA27
SG13
A0000h-A7FFFh
50000h-53FFFh
32
SA28
A8000h-AFFFFh
54000h-57FFFh
32
SA29
B0000h-B7FFFh
58000h-5BFFFh
32
SA30B8000h-BFFFFh
5C000h-5FFFFh
32
Bank 2
(Note 2)
SA31
SG14
C0000h-C7FFFh
60000h-63FFFh
32
SA32C8000h-CFFFFh
64000h-67FFFh
32
SA33
D0000h-D7FFFh
68000h-6BFFFh
32
SA34D8000h-DFFFFh
6C000h-6FFFFh
32
SA35
SG15
E0000h-E7FFFh
70000h-73FFFh
32
SA36E8000h-EFFFFh
74000h-77FFFh
32
SA37
F0000h-F7FFFh
78000h-7BFFFh
32
SA38
SG16
F8000h-F8FFFh
7C000h-7C7FFh
4
SA39
SG17
F9000h-F9FFFh
7C800h-7CFFFh
4
SA40
SG18
FA000h-FAFFFh
7D000h-7D7FFh
4
SA41
SG19
FB000h-FBFFFh
7D800h-7DFFFh
4
SA42
SG20
FC000h-FCFFFh
7E000h-7E7FFh
4
SA43SG21
FD000h-FDFFFh
7E800h-7EFFFh
4
SA44
SG22
FE000h-FEFFFh
7F000h-7F7FFh
4
SA45 (Note 3)
SG23
FF000h-FFFFFh
7F800h-7FFFFh
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com