Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GB28DPBI Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM29BDD160GB28DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GB28DPBI Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM29BDD160GB28DPBI Datasheet HTML 67Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 68Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 69Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 70Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 71Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 72Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 73Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 74Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
June 7, 2006
Am29BDD160G
69
Sector Protect: 150 μs
Sector Unprotect: 15 ms
1 μs
RESET#
SA, A6,
A1, A0
Data
CE#
WE#
OE#
60h
60h/68h**
40h/48h***
Valid*
Valid*
Valid*
Status
Sector Protect/Unprotect
Verify
VIH
* Valid address for sector protect: A6 = 0, A1 = 1, A0 = 0. Valid address for sector unprotect:A6 = 1, A1 = 1, A0 = 0.
** Command for sector protect is 68h. Command for sector unprotect is 60h.
*** Command for sector protect verify is 48h. Command for sector unprotect verify is 40h.
Figure 28.
Sector Protect/Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com