Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GB28DPBI Datasheet(PDF) 78 Page - Advanced Micro Devices

Part # AM29BDD160GB28DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GB28DPBI Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button AM29BDD160GB28DPBI Datasheet HTML 71Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 72Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 73Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 74Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 75Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 76Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 77Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 78Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 79Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 78 / 79 page
background image
76
Am29BDD160G
June 7, 2006
Sector Erase and Program Suspend Operation
Mechanics
Added bulleted section.
Absolute Maximum Ratings and Operating Ranges
Added V
IO
Changed 1.65 V to –0.5 V
Changed 2.3 V to 2.5 V
CMOS Compatible
Removed “V
IO” from Max column of output high volt-
age row.
Figure 16. Burst Mode Read (x32 mode)
Corrected typos to subscripts.
Corrected values for the t
BACC and tDIND for the 54D,
65D, 64C, and 80C speed options.
Figure 17. Asynchronous Command Write Timing
Added t
WC and tWPH.
Figure 18. Synchronous Command Write/ Read
Timing
Added t
WC and tWPH.
Hardware Reset (RESET#)
Corrected t
READY max.
Figure 20. WP# Write Timing
Added t
WP.
Figure 23. Back-to-back Cycle Timings
Added t
WPH.
Figure 24. Data# Polling Timings (During
Embedded Algorithms)
Added t
WC.
Figure 29. Alternate CE# Controlled Write
Operation Timings
Added t
WP and tWPH
Erase and Programming Performance
Changed the sector erase time typical to 1.0.
Revision B+5 (May 6, 2003)
Global
Converted data sheet from Advanced Information to
Preliminary.
Ordering Information
Removed some OPNs and markings.
Automatic Sleep Mode (ASM) and Standby Mode
Reworded first paragraph.
DQ7: Data# Polling, DQ6: Toggle Bit I and DQ2:
Toggle Bit II
Added reference to Figure 27.
Absolute Maximum Ratings
Added ACC reference.
CMOS Compatible
Corrected Max values for the I
CC5, 7, and 8
Added Note #5.
Figure 27. Synchronous Data Polling
Timings/Toggle Bit Timing
Added Figure.
Simultaneous Read/Write Operations Overview
and Restrictions
Added Sections and table.
Table 7. Burst Initial Access Delay, Table 8.
Configuration Register Definitions, Table 23. Test
Specifications, Asynchronous Read Operations,
and Burst Mode Read
Removed the 65D, 80C, and 90A speed options from
tables.
Revision C (May 19, 2003)
No revisions made, repost on web.
Revision C+1 (May 29, 2003)
Distinctive Characteristics
Changed the standby mode to 60
μA.
Product Selector Guide
Changed the standard voltage range to 2.5-2.75 V
Output Disable Mode
Replace paragraph.
Synchronous (Burst) Read Operation
Removed reference to “continuous sequential” from
section.
Figure 3. Initial Burst Delay Control
Renumbered waveform to read two, three, four.
Toggle Bit I
Added sentence to second paragraph of section.
CMOS Compatible
Removed reference to continuous burst from table.
Burst Mode Read
Changed the t
IACC Max for the 65A speed option to 67
ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com