Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GB28DPBI Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM29BDD160GB28DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GB28DPBI Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM29BDD160GB28DPBI Datasheet HTML 34Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 35Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 36Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 37Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 38Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 39Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 40Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 41Page - Advanced Micro Devices AM29BDD160GB28DPBI Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
36
Am29BDD160G
June 7, 2006
the same manner. This mode dispenses with the initial
two unlock cycles required in the standard program
command sequence, resulting in faster total program-
ming time. Tables 18 and 20 show the requirements for
the command sequence.
During the unlock bypass mode, only the Unlock By-
pass Program and Unlock Bypass Reset commands
are valid. To exit the unlock bypass mode, the system
must issue the two-cycle unlock bypass reset com-
mand sequence. The first cycle must contain the data
90h; the second cycle the data 00h. Addresses are
don’t care for both cycles. The device then returns to
reading array data.
Figure 5 illustrates the algorithm for the program oper-
ation. See the Erase/Program Operations table in AC
Characteristics for parameters, and to Figure 22 for
timing diagrams.
Unlock Bypass Entry Command
The Unlock Bypass command, once issued, is used to
bypass the “unlock” sequence for program, chip erase,
and CFI commands. This feature permits slow PROM
programmers to significantly improve program-
ming/erase throughput since the command sequence
often requires microseconds to execute a single write
operation. Therefore, once the Unlock Bypass com-
mand is issued, only the two-cycle program and erase
bypass commands are required. The Unlock Bypass
Command is ignored if the SecSi sector is enabled. To
return back to normal operation, the Unlock Bypass
Reset Command must be issued.
The following four sections describe the commands
that may be executed within the unlock bypass mode.
Unlock Bypass Program Command
The Unlock Bypass Program command is a two-cycle
command that consists of the actual program com-
mand (A0h) and the program address/data combina-
tion. This command does not require the two-cycle
“unlock” sequence since the Unlock Bypass command
was previously issued. As with the standard program
command, multiple Unlock Bypass Program com-
mands can be issued once the Unlock Bypass com-
mand is issued.
To return back to standard read operations, the Unlock
Bypass Reset command must be issued.
The Unlock Bypass Program Command is ignored if
the SecSi sector is enabled.
Unlock Bypass Chip Erase Command
The Unlock Bypass Chip Erase command is a 2-cycle
command that consists of the erase setup command
(80h) and the actual chip erase command (10h). This
command does not require the two-cycle “unlock” se-
quence since the Unlock Bypass command was previ-
ously issued. Unlike the standard erase command,
there is no Unlock Bypass Erase Suspend or Erase
Resume commands.
To return back to standard read operations, the Unlock
Bypass Reset command must be issued.
The Unlock Bypass Program Command is ignored if
the SecSi sector is enabled.
Unlock Bypass CFI Command
The Unlock Bypass CFI command is available for
PROM programmers and target systems to read the
CFI codes while in Unlock Bypass mode. See Com-
mon Flash Memory Interface (CFI) for specific CFI
codes.
To return back to standard read operations, the Unlock
Bypass Reset command must be issued.
The Unlock Bypass Program Command is ignored if
the SecSi sector is enabled.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress
Note: See Tables 18 and 20 for program command se-
quence.
Figure 4.
Program Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com