Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M49000000Q Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # M49000000Q
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000Q Datasheet(HTML) 2 Page - Advanced Micro Devices

  M49000000Q Datasheet HTML 1Page - Advanced Micro Devices M49000000Q Datasheet HTML 2Page - Advanced Micro Devices M49000000Q Datasheet HTML 3Page - Advanced Micro Devices M49000000Q Datasheet HTML 4Page - Advanced Micro Devices M49000000Q Datasheet HTML 5Page - Advanced Micro Devices M49000000Q Datasheet HTML 6Page - Advanced Micro Devices M49000000Q Datasheet HTML 7Page - Advanced Micro Devices M49000000Q Datasheet HTML 8Page - Advanced Micro Devices M49000000Q Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 26645
Rev: A Amendment/+1
Issue Date: July 19, 2002
Refer to AMD’s Website (www.amd.com) for the latest information.
Am49DL32xBG
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL32xG 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM with Page Mode
DISTINCTIVE CHARACTERISTICS
MCP Features
s Power supply voltage of 2.7 to 3.3 volt
s High performance
— Access time as fast as 70 ns
s Package
— 73-Ball FBGA
s Operating Temperature
— –40°C to +85°C
Flash Memory Features
ARCHITECTURAL ADVANTAGES
s Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
s Secured Silicon (SecSi) Sector: Extra 256 Byte sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number; verifiable
as factory locked through autoselect function.
— Customer lockable: Sector is one-time programmable. Once
locked, data cannot be changed
s Zero Power Operation
— Sophisticated power management circuits reduce power
consumed during inactive periods to nearly zero
s Top or bottom boot block
s Manufactured on 0.17 µm process technology
s Compatible with JEDEC standards
— Pinout and software compatible with single-power-supply
flash standard
PERFORMANCE CHARACTERISTICS
s High performance
— Access time as fast as 70 ns
— Program time: 4 µs/word typical utilizing Accelerate function
s Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
s Minimum 1 million write cycles guaranteed per sector
s 20 Year data retention at 125
°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
s Data Management Software (DMS)
— AMD-supplied software manages data programming and
erasing, enabling EEPROM emulation
— Eases sector erase limitations
s Supports Common Flash Memory Interface (CFI)
s Erase Suspend/Erase Resume
— Suspends erase operations to allow programming in same
bank
s Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
s Unlock Bypass Program command
— Reduces overall programming time when issuing multiple
program command sequences
HARDWARE FEATURES
s Any combination of sectors can be erased
s Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase cycle
completion
s Hardware reset pin (RESET#)
— Hardware method of resetting the internal state machine to
reading array data
s WP#/ACC input pin
— Write protect (WP#) function allows protection of two outermost
boot sectors, regardless of sector protect status
— Acceleration (ACC) function accelerates program timing
s Sector protection
— Hardware method of locking a sector, either in-system or
using programming equipment, to prevent any program or
erase operation within that sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system
pSRAM Features
s Power dissipation
— Operating: 40 mA maximum
— Standby: 70 µA maximum
— Deep power-down standby: 5 µA
s CE1s# and CE2s Chip Select
s Power down features using CE1s# and CE2s
s Data retention supply voltage: 2.7 to 3.3 volt
s Byte data control: LB#s (DQ7–DQ0), UB#s (DQ15–DQ8)
s 8-word page mode access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com