Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M49000000Q Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # M49000000Q
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000Q Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button M49000000Q Datasheet HTML 41Page - Advanced Micro Devices M49000000Q Datasheet HTML 42Page - Advanced Micro Devices M49000000Q Datasheet HTML 43Page - Advanced Micro Devices M49000000Q Datasheet HTML 44Page - Advanced Micro Devices M49000000Q Datasheet HTML 45Page - Advanced Micro Devices M49000000Q Datasheet HTML 46Page - Advanced Micro Devices M49000000Q Datasheet HTML 47Page - Advanced Micro Devices M49000000Q Datasheet HTML 48Page - Advanced Micro Devices M49000000Q Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
44
Am49DL32xBG
July 19, 2002
P R E L I M I NARY
FLASH AC CHARACTERISTICS
Word/Byte Configuration (CIOf)
Parameter
Speed
JEDEC
Std
Description
70
85
Unit
t
ELFL/tELFH
CE#f to CIOf Switching Low or High
Max
5
ns
t
FLQZ
CIOf Switching Low to Output HIGH Z
Max
30
ns
t
FHQV
CIOf Switching High to Output Active
Min
70
85
ns
DQ15
Output
Data Output
(DQ7–DQ0)
CE#f
OE#
CIOf
t
ELFL
DQ0–DQ14
Data Output
(DQ14–DQ0)
DQ15/A-1
Address
Input
t
FLQZ
CIOf
Switching
from word
to byte
mode
DQ15
Output
Data Output
(DQ7–DQ0)
CIOf
t
ELFH
DQ0–DQ14
Data Output
(DQ14–DQ0)
DQ15/A-1
Address
Input
t
FHQV
CIOf
Switching
from byte
to word
mode
Figure 16.
CIOf Timings for Read Operations
Note: Refer to the Erase/Program Operations table for t
AS and tAH specifications.
Figure 17.
CIOf Timings for Write Operations
CE#f
WE#
CIOf
The falling edge of the last WE# signal
t
HOLD (tAH)
t
SET
(t
AS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com